Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 41 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 41 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 37Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 38Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 39Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 40Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 41Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 42Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 43Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 44Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 39
dsPIC33FJXXXGPX06/X08/X10
4.2.5
X AND Y DATA SPACES
The core has two data spaces, X and Y. These data
spaces can be considered either separate (for some
DSP instructions), or as one unified linear address
range (for MCU instructions). The data spaces are
accessed using two Address Generation Units (AGUs)
and separate data paths. This feature allows certain
instructions to concurrently fetch two words from RAM,
thereby enabling efficient execution of DSP algorithms
such as Finite Impulse Response (FIR) filtering and
Fast Fourier Transform (FFT).
The X data space is used by all instructions and
supports all addressing modes. There are separate
read and write data buses for X data space. The X read
data bus is the read data path for all instructions that
view data space as combined X and Y address space.
It is also the X data prefetch path for the dual operand
DSP instructions (MAC class).
The Y data space is used in concert with the X data
space by the MAC class of instructions (CLR, ED,
EDAC
, MAC, MOVSAC, MPY, MPY.N and MSC) to provide
two concurrent data read paths.
Both the X and Y data spaces support Modulo
Addressing mode for all instructions, subject to
addressing mode restrictions. Bit-Reversed Addressing
mode is only supported for writes to X data space.
All data memory writes, including in DSP instructions,
view data space as combined X and Y address space.
The boundary between the X and Y data spaces is
device-dependent and is not user-programmable.
All effective addresses are 16 bits wide and point to
bytes within the data space. Therefore, the data space
address range is 64 Kbytes, or 32K words, though the
implemented memory locations vary by device.
4.2.6
DMA RAM
Every dsPIC33FJXXXGPX06/X08/X10 device contains
2 Kbytes of dual ported DMA RAM located at the end of
Y data space. Memory locations is part of Y data RAM
and is in the DMA RAM space are accessible
simultaneously by the CPU and the DMA controller
module. DMA RAM is utilized by the DMA controller to
store data to be transferred to various peripherals using
DMA, as well as data transferred from various
peripherals using DMA. The DMA RAM can be
accessed by the DMA controller without having to steal
cycles from the CPU.
When the CPU and the DMA controller attempt to
concurrently write to the same DMA RAM location, the
hardware ensures that the CPU is given precedence in
accessing the DMA RAM location. Therefore, the DMA
RAM provides a reliable means of transferring DMA
data without ever having to stall the CPU.
Note:
DMA RAM can be used for general
purpose data storage if the DMA function
is not required in an application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com