Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 88 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 88 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 84Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 85Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 86Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 87Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 88Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 89Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 90Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 91Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 86
© 2009 Microchip Technology Inc.
REGISTER 7-1:
SR: CPU STATUS REGISTER(1)
R-0
R-0
R/C-0
R/C-0
R-0
R/C-0
R -0
R/W-0
OA
OB
SA
SB
OAB
SAB
DA
DC
bit 15
bit 8
R/W-0(3)
R/W-0(3)
R/W-0(3)
R-0
R/W-0
R/W-0
R/W-0
R/W-0
IPL2(2)
IPL1(2)
IPL0(2)
RA
N
OV
Z
C
bit 7
bit 0
Legend:
C = Clear only bit
R = Readable bit
U = Unimplemented bit, read as ‘0’
S = Set only bit
W = Writable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
IPL<2:0>: CPU Interrupt Priority Level Status bits(2)
111
= CPU Interrupt Priority Level is 7 (15), user interrupts disabled
110
= CPU Interrupt Priority Level is 6 (14)
101
= CPU Interrupt Priority Level is 5 (13)
100
= CPU Interrupt Priority Level is 4 (12)
011
= CPU Interrupt Priority Level is 3 (11)
010
= CPU Interrupt Priority Level is 2 (10)
001
= CPU Interrupt Priority Level is 1 (9)
000
= CPU Interrupt Priority Level is 0 (8)
Note 1: For complete register details, see Register 3-1: “SR: CPU STATUS REGISTER”.
2: The IPL<2:0> bits are concatenated with the IPL<3> bit (CORCON<3>) to form the CPU Interrupt Priority
Level. The value in parentheses indicates the IPL if IPL<3> = 1. User interrupts are disabled when
IPL<3> = 1.
3: The IPL<2:0> Status bits are read-only when NSTDIS (INTCON1<15>) = 1.
REGISTER 7-2:
CORCON: CORE CONTROL REGISTER(1)
U-0
U-0
U-0
R/W-0
R/W-0
R-0
R-0
R-0
—
—
—US
EDT
DL<2:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-1
R/W-0
R/C-0
R/W-0
R/W-0
R/W-0
SATA
SATB
SATDW
ACCSAT
IPL3(2)
PSV
RND
IF
bit 7
bit 0
Legend:
C = Clear only bit
R = Readable bit
W = Writable bit
-n = Value at POR
‘1’ = Bit is set
0’ = Bit is cleared
‘x = Bit is unknown
U = Unimplemented bit, read as ‘0’
bit 3
IPL3: CPU Interrupt Priority Level Status bit 3(2)
1
= CPU interrupt priority level is greater than 7
0
= CPU interrupt priority level is 7 or less
Note 1: For complete register details, see Register 3-2: “CORCON: CORE CONTROL REGISTER”.
2: The IPL3 bit is concatenated with the IPL<2:0> bits (SR<7:5>) to form the CPU Interrupt Priority Level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com