Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP306 Datasheet(PDF) 81 Page - Microchip Technology

Part # DSPIC33FJ64GP306
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 Datasheet(HTML) 81 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 77Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 78Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 79Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 80Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 81Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 82Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 83Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 84Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 79
dsPIC33FJXXXGPX06/X08/X10
TABLE 6-1:
RESET FLAG BIT OPERATION
6.1
Clock Source Selection at Reset
If clock switching is enabled, the system clock source at
device Reset is chosen, as shown in Table 6-2. If clock
switching is disabled, the system clock source is always
selected according to the oscillator Configuration bits.
Refer to Section 9.0 “Oscillator Configuration” for
further details.
TABLE 6-2:
OSCILLATOR SELECTION VS
TYPE OF RESET (CLOCK
SWITCHING ENABLED)
6.2
Device Reset Times
The Reset times for various types of device Reset are
summarized in Table 6-3. The system Reset signal,
SYSRST, is released after the POR and PWRT delay
times expire.
The time at which the device actually begins to execute
code also depends on the system oscillator delays,
which include the Oscillator Start-up Timer (OST) and
the PLL lock time. The OST and PLL lock times occur
in parallel with the applicable SYSRST delay times.
The FSCM delay determines the time at which the
FSCM begins to monitor the system clock source after
the SYSRST signal is released.
Flag Bit
Setting Event
Clearing Event
TRAPR (RCON<15>)
Trap conflict event
POR, BOR
IOPUWR (RCON<14>)
Illegal opcode or uninitialized
W register access
POR, BOR
EXTR (RCON<7>)
MCLR Reset
POR
SWR (RCON<6>)
RESET
instruction
POR, BOR
WDTO (RCON<4>)
WDT time-out
PWRSAV
instruction, POR, BOR
SLEEP (RCON<3>)
PWRSAV #SLEEP
instruction
POR, BOR
IDLE (RCON<2>)
PWRSAV #IDLE
instruction
POR, BOR
BOR (RCON<1>)
BOR, POR
—
POR (RCON<0>)
POR
—
Note: All Reset flag bits may be set or cleared by the user software.
Reset Type
Clock Source Determinant
POR
Oscillator Configuration bits
(FNOSC<2:0>)
BOR
MCLR
COSC Control bits
(OSCCON<14:12>)
WDTR
SWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com