Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP306 Datasheet(PDF) 15 Page - Microchip Technology

Part # DSPIC33FJ64GP306
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 Datasheet(HTML) 15 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 11Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 12Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 13Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 13
dsPIC33FJXXXGPX06/X08/X10
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
• dsPIC33FJ64GP206
• dsPIC33FJ64GP306
• dsPIC33FJ64GP310
• dsPIC33FJ64GP706
• dsPIC33FJ64GP708
• dsPIC33FJ64GP710
• dsPIC33FJ128GP206
• dsPIC33FJ128GP306
• dsPIC33FJ128GP310
• dsPIC33FJ128GP706
• dsPIC33FJ128GP708
• dsPIC33FJ128GP710
• dsPIC33FJ256GP506
• dsPIC33FJ256GP510
• dsPIC33FJ256GP710
The dsPIC33FJXXXGPX06/X08/X10 General Purpose
Family of device includes devices with a wide range of
pin counts (64, 80 and 100), different program memory
sizes (64 Kbytes, 128 Kbytes and 256 Kbytes) and
different RAM sizes (8 Kbytes, 16 Kbytes and
30 Kbytes).
This feature makes the family suitable for a wide variety
of high-performance digital signal control applications.
The device is pin compatible with the PIC24H family of
devices, and also share a very high degree of
compatibility with the dsPIC30F family devices. This
allows for easy migration between device families as may
be
necessitated
by
the
specific
functionality,
computational resource and system cost requirements of
the application.
The dsPIC33FJXXXGPX06/X08/X10 device family
employs a powerful 16-bit architecture that seamlessly
integrates the control features of a Microcontroller
(MCU) with the computational capabilities of a Digital
Signal Processor (DSP). The resulting functionality is
ideal for applications that rely on high-speed, repetitive
computations, as well as control.
The DSP engine, dual 40-bit accumulators, hardware
support for division operations, barrel shifter, 17 x 17
multiplier, a large array of 16-bit working registers and
a wide variety of data addressing modes, together
provide the dsPIC33FJXXXGPX06/X08/X10 Central
Processing Unit (CPU) with extensive mathematical
processing capability. Flexible and deterministic
interrupt handling, coupled with a powerful array of
peripherals,
renders
the
dsPIC33FJXXXGPX06/X08/X10 devices suitable for
control applications. Further, Direct Memory Access
(DMA) enables overhead-free transfer of data between
several peripherals and a dedicated DMA RAM.
Reliable, field programmable Flash program memory
ensures
scalability
of
applications
that
use
dsPIC33FJXXXGPX06/X08/X10 devices.
Figure 1-1 illustrates a general block diagram of the
various
core
and
peripheral
modules
in
the
dsPIC33FJXXXGPX06/X08/X10 family of devices.
Table 1-1 provides the functions of the various pins
illustrated in the pinout diagrams.
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to the latest family
reference sections of the “dsPIC33F
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com