Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP306 Datasheet(PDF) 129 Page - Microchip Technology

Part # DSPIC33FJ64GP306
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 Datasheet(HTML) 129 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 125Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 126Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 127Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 128Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 129Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 130Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 131Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 132Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 127
dsPIC33FJXXXGPX06/X08/X10
8.0
DIRECT MEMORY ACCESS
(DMA)
Direct Memory Access (DMA) is a very efficient
mechanism of copying data between peripheral SFRs
(e.g., UART Receive register, Input Capture 1 buffer),
and buffers or variables stored in RAM, with minimal
CPU
intervention.
The
DMA
controller
can
automatically copy entire blocks of data without
requiring the user software to read or write the
peripheral Special Function Registers (SFRs) every
time a peripheral interrupt occurs. The DMA controller
uses a dedicated bus for data transfers and therefore,
does not steal cycles from the code execution flow of
the CPU. To exploit the DMA capability, the
corresponding user buffers or variables must be
located in DMA RAM.
The dsPIC33FJXXXGPX06/X08/X10 peripherals that
can utilize DMA are listed in Table 8-1 along with their
associated Interrupt Request (IRQ) numbers.
TABLE 8-1:
PERIPHERALS WITH DMA
SUPPORT
The DMA controller features eight identical data
transfer channels.
Each channel has its own set of control and status
registers. Each DMA channel can be configured to
copy data either from buffers stored in dual port DMA
RAM to peripheral SFRs, or from peripheral SFRs to
buffers in DMA RAM.
The DMA controller supports the following features:
• Word or byte sized data transfers.
• Transfers from peripheral to DMA RAM or DMA
RAM to peripheral.
• Indirect Addressing of DMA RAM locations with or
without automatic post-increment.
• Peripheral Indirect Addressing – In some
peripherals, the DMA RAM read/write addresses
may be partially derived from the peripheral.
• One-Shot Block Transfers – Terminating DMA
transfer after one block transfer.
• Continuous Block Transfers – Reloading DMA
RAM buffer start address after every block
transfer is complete.
• Ping-Pong Mode – Switching between two DMA
RAM start addresses between successive block
transfers, thereby filling two buffers alternately.
• Automatic or manual initiation of block transfers
• Each channel can select from 20 possible
sources of data sources or destinations.
For each DMA channel, a DMA interrupt request is
generated when a block transfer is complete.
Alternatively, an interrupt can be generated when half of
the block has been filled.
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 22.
“Direct
Memory
Access
(DMA)”
(DS70182) in the “dsPIC33F Family
Reference Manual”, which is available
from
the
Microchip
web
site
(www.microchip.com).
Peripheral
IRQ Number
INT0
0
Input Capture 1
1
Input Capture 2
5
Output Compare 1
2
Output Compare 2
6
Timer2
7
Timer3
8
SPI1
10
SPI2
33
UART1 Reception
11
UART1 Transmission
12
UART2 Reception
30
UART2 Transmission
31
ADC1
13
ADC2
21
DCI
60
ECAN1 Reception
34
ECAN1 Transmission
70
ECAN2 Reception
55
ECAN2 Transmission
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com