Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP306 Datasheet(PDF) 169 Page - Microchip Technology

Part # DSPIC33FJ64GP306
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 Datasheet(HTML) 169 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 165Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 166Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 167Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 168Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 169Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 170Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 171Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 172Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 167
dsPIC33FJXXXGPX06/X08/X10
15.0 OUTPUT COMPARE
The output compare module can select either Timer2 or
Timer3 for its time base. The module compares the
value of the timer with the value of one or two Compare
registers depending on the operating mode selected.
The state of the output pin changes when the timer
value matches the Compare register value. The output
compare module generates either a single output
pulse, or a sequence of output pulses, by changing the
state of the output pin on the compare match events.
The output compare module can also generate
interrupts on compare match events.
The output compare module has multiple operating
modes:
• Active-Low One-Shot mode
• Active-High One-Shot mode
• Toggle mode
• Delayed One-Shot mode
• Continuous Pulse mode
• PWM mode without Fault Protection
• PWM mode with Fault Protection
FIGURE 15-1:
OUTPUT COMPARE MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
families of devices. It is not intended to be
a comprehensive reference source. To
complement the information in this data
sheet, refer to Section 13. “Output
Compare” (DS70209) in the “dsPIC33F
Family Reference Manual”,, which is avail-
able
on
the
Microchip
web
site
(www.microchip.com).
OCxR(1)
Comparator
Output
Logic
OCM<2:0>
Output Enable
OCx(1)
Set Flag bit
OCxIF(1)
OCxRS(1)
Mode Select
3
0
1
OCTSEL
0
1
16
16
OCFA
TMR2
TMR2
Q
S
R
TMR3
TMR3
Rollover Rollover
Note 1:
An ‘x’ in a signal, register or bit name denotes the number of the output compare channels.
2: The OCFA pin controls OC1 through OC4. The OCFB pin controls OC5 through OC8.
or
OCFB(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com