Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP306 Datasheet(PDF) 179 Page - Microchip Technology

Part # DSPIC33FJ64GP306
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP306 Datasheet(HTML) 179 Page - Microchip Technology

Back Button DSPIC33FJ64GP306 Datasheet HTML 175Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 176Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 177Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 178Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 179Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 180Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 181Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 182Page - Microchip Technology DSPIC33FJ64GP306 Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 177
dsPIC33FJXXXGPX06/X08/X10
17.0 INTER-INTEGRATED
CIRCUIT™ (I2C™)
The Inter-Integrated Circuit (I2C) module provides
complete hardware support for both Slave and
Multi-Master modes of the I2C serial communication
standard, with a 16-bit interface.
The dsPIC33FJXXXGPX06/X08/X10 devices have up
to two I2C interface modules, denoted as I2C1 and
I2C2. Each I2C module has a 2-pin interface: the SCLx
pin is clock and the SDAx pin is data.
Each I2C module ‘x’ (x = 1 or 2) offers the following key
features:
•I2C interface supporting both master and slave
operation.
•I2C Slave mode supports 7 and 10-bit address.
•I2C Master mode supports 7 and 10-bit address.
•I2C Port allows bidirectional transfers between
master and slaves.
• Serial clock synchronization for I2C port can be
used as a handshake mechanism to suspend and
resume serial transfer (SCLREL control).
•I2C supports multi-master operation; detects bus
collision and will arbitrate accordingly.
17.1
Operating Modes
The hardware fully implements all the master and slave
functions of the I2C Standard and Fast mode
specifications, as well as 7 and 10-bit addressing.
The I2C module can operate either as a slave or a
master on an I2C bus.
The following types of I2C operation are supported:
•I2C slave operation with 7-bit address
•I2C slave operation with 10-bit address
•I2C master operation with 7 or 10-bit address
For details about the communication sequence in each
of these modes, please refer to the “dsPIC33F Family
Reference Manual”.
17.2
I2C Registers
I2CxCON and I2CxSTAT are control and status
registers, respectively. The I2CxCON register is
readable and writable. The lower six bits of I2CxSTAT
are read-only. The remaining bits of the I2CSTAT are
read/write.
I2CxRSR is the shift register used for shifting data,
whereas I2CxRCV is the buffer register to which data
bytes are written, or from which data bytes are read.
I2CxRCV is the receive buffer. I2CxTRN is the transmit
register to which bytes are written during a transmit
operation.
The I2CxADD register holds the slave address. A
status bit, ADD10, indicates 10-bit Address mode. The
I2CxBRG acts as the Baud Rate Generator (BRG)
reload value.
In receive operations, I2CxRSR and I2CxRCV together
form a double-buffered receiver. When I2CxRSR
receives a complete byte, it is transferred to I2CxRCV
and an interrupt pulse is generated.
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 19.
“Inter-Integrated
Circuit™
(I2C™)”
(DS70195) in the “dsPIC33F Family
Reference Manual”, which is available
from
the
Microchip
web
site
(www.microchip.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com