Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 221 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance,16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 221 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 217Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 218Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 219Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 220Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 221Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 222Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 223Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 224Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 225Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 219
dsPIC33FJXXXGPX06/X08/X10
REGISTER 20-1:
DCICON1: DCI CONTROL REGISTER 1
R/W-0
U-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
DCIEN
—DCISIDL
—
DLOOP
CSCKD
CSCKE
COFSD
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
UNFM
CSDOM
DJST
—
—
—COFSM<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
DCIEN: DCI Module Enable bit
1
= Module is enabled
0
= Module is disabled
bit 14
Unimplemented: Read as ‘0’
bit 13
DCISIDL: DCI Stop in Idle Control bit
1
= Module will halt in CPU Idle mode
0
= Module will continue to operate in CPU Idle mode
bit 12
Unimplemented: Read as ‘0’
bit 11
DLOOP: Digital Loopback Mode Control bit
1
= Digital Loopback mode is enabled. CSDI and CSDO pins internally connected
0
= Digital Loopback mode is disabled
bit 10
CSCKD: Sample Clock Direction Control bit
1
= CSCK pin is an input when DCI module is enabled
0
= CSCK pin is an output when DCI module is enabled
bit 9
CSCKE: Sample Clock Edge Control bit
1
= Data changes on serial clock falling edge, sampled on serial clock rising edge
0
= Data changes on serial clock rising edge, sampled on serial clock falling edge
bit 8
COFSD: Frame Synchronization Direction Control bit
1
= COFS pin is an input when DCI module is enabled
0
= COFS pin is an output when DCI module is enabled
bit 7
UNFM: Underflow Mode bit
1
= Transmit last value written to the transmit registers on a transmit underflow
0
= Transmit ‘0’s on a transmit underflow
bit 6
CSDOM: Serial Data Output Mode bit
1
= CSDO pin will be tri-stated during disabled transmit time slots
0
= CSDO pin drives ‘0’s during disabled transmit time slots
bit 5
DJST: DCI Data Justification Control bit
1
= Data transmission/reception is begun during the same serial clock cycle as the frame
synchronization pulse
0
= Data transmission/reception is begun one serial clock cycle after frame synchronization pulse
bit 4-2
Unimplemented: Read as ‘0’
bit 1-0
COFSM<1:0>: Frame Sync Mode bits
11
= 20-bit AC-Link mode
10
= 16-bit AC-Link mode
01
= I2S Frame Sync mode
00
= Multi-Channel Frame Sync mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com