Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 80 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance,16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 80 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 76Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 77Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 78Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 79Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 80Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 81Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 82Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 83Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 78
© 2009 Microchip Technology Inc.
REGISTER 6-1:
RCON: RESET CONTROL REGISTER(1)
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
R/W-0
TRAPR
IOPUWR
—
—
—
—
—VREGS
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
EXTR
SWR
SWDTEN(2)
WDTO
SLEEP
IDLE
BOR
POR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
TRAPR: Trap Reset Flag bit
1
= A Trap Conflict Reset has occurred
0
= A Trap Conflict Reset has not occurred
bit 14
IOPUWR: Illegal Opcode or Uninitialized W Access Reset Flag bit
1
= An illegal opcode detection, an illegal address mode or uninitialized W register used as an
Address Pointer caused a Reset
0
= An illegal opcode or uninitialized W Reset has not occurred
bit 13-9
Unimplemented: Read as ‘0’
bit 8
VREGS: Voltage Regulator Standby During Sleep bit
1
= Voltage regulator is active during Sleep
0
= Voltage regulator goes into Standby mode during Sleep
bit 7
EXTR: External Reset (MCLR) Pin bit
1
= A Master Clear (pin) Reset has occurred
0
= A Master Clear (pin) Reset has not occurred
bit 6
SWR: Software Reset (Instruction) Flag bit
1
= A RESET instruction has been executed
0
= A RESET instruction has not been executed
bit 5
SWDTEN: Software Enable/Disable of WDT bit(2)
1
= WDT is enabled
0
= WDT is disabled
bit 4
WDTO: Watchdog Timer Time-out Flag bit
1
= WDT time-out has occurred
0
= WDT time-out has not occurred
bit 3
SLEEP: Wake-up from Sleep Flag bit
1
= Device has been in Sleep mode
0
= Device has not been in Sleep mode
bit 2
IDLE: Wake-up from Idle Flag bit
1
= Device was in Idle mode
0
= Device was not in Idle mode
bit 1
BOR: Brown-out Reset Flag bit
1
= A Brown-out Reset has occurred
0
= A Brown-out Reset has not occurred
bit 0
POR: Power-on Reset Flag bit
1
= A Power-on Reset has occurred
0
= A Power-on Reset has not occurred
Note 1: All of the Reset status bits may be set or cleared in software. Setting one of these bits in software does not
cause a device Reset.
2: If the FWDTEN Configuration bit is ‘1’ (unprogrammed), the WDT is always enabled, regardless of the
SWDTEN bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com