Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 48 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance,16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 48 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 44Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 45Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 46Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 47Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 48Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 49Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 50Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 51Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 322 page
background image
TABLE 4-8:
OUTPUT COMPARE REGISTER MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
OC1RS
0180
Output Compare 1 Secondary Register
xxxx
OC1R
0182
Output Compare 1 Register
xxxx
OC1CON
0184
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
OC2RS
0186
Output Compare 2 Secondary Register
xxxx
OC2R
0188
Output Compare 2 Register
xxxx
OC2CON
018A
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
OC3RS
018C
Output Compare 3 Secondary Register
xxxx
OC3R
018E
Output Compare 3 Register
xxxx
OC3CON
0190
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
OC4RS
0192
Output Compare 4 Secondary Register
xxxx
OC4R
0194
Output Compare 4 Register
xxxx
OC4CON
0196
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
OC5RS
0198
Output Compare 5 Secondary Register
xxxx
OC5R
019A
Output Compare 5 Register
xxxx
OC5CON
019C
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
OC6RS
019E
Output Compare 6 Secondary Register
xxxx
OC6R
01A0
Output Compare 6 Register
xxxx
OC6CON
01A2
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
OC7RS
01A4
Output Compare 7 Secondary Register
xxxx
OC7R
01A6
Output Compare 7 Register
xxxx
OC7CON
01A8
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
OC8RS
01AA
Output Compare 8 Secondary Register
xxxx
OC8R
01AC
Output Compare 8 Register
xxxx
OC8CON
01AE
—
—
OCSIDL
—
—
—
—
—
—
—
—
OCFLT
OCTSEL
OCM<2:0>
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com