Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 171 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 171 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 167Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 168Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 169Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 170Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 171Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 172Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 173Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 174Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 169
dsPIC33FJXXXGPX06/X08/X10
REGISTER 15-1:
OCxCON: OUTPUT COMPARE x CONTROL REGISTER (x = 1, 2)
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
—
—OCSIDL
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R-0, HC
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
OCFLT
OCTSEL
OCM<2:0>
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
OCSIDL: Stop Output Compare in Idle Mode Control bit
1
= Output Compare x halts in CPU Idle mode
0
= Output Compare x continues to operate in CPU Idle mode
bit 12-5
Unimplemented: Read as ‘0’
bit 4
OCFLT: PWM Fault Condition Status bit
1
= PWM Fault condition has occurred (cleared in hardware only)
0
= No PWM Fault condition has occurred (this bit is only used when OCM<2:0> = 111)
bit 3
OCTSEL: Output Compare Timer Select bit
1
= Timer3 is the clock source for Compare x
0
= Timer2 is the clock source for Compare x
bit 2-0
OCM<2:0>: Output Compare Mode Select bits
111
= PWM mode on OCx, Fault pin enabled
110
= PWM mode on OCx, Fault pin disabled
101
= Initialize OCx pin low, generate continuous output pulses on OCx pin
100
= Initialize OCx pin low, generate single output pulse on OCx pin
011
= Compare event toggles OCx pin
010
= Initialize OCx pin high, compare event forces OCx pin low
001
= Initialize OCx pin low, compare event forces OCx pin high
000
= Output compare channel is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com