Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 175 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 175 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 171Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 172Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 173Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 174Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 175Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 176Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 177Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 178Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 173
dsPIC33FJXXXGPX06/X08/X10
REGISTER 16-2:
SPIXCON1: SPIx CONTROL REGISTER 1
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
DISSCK
DISSDO
MODE16
SMP
CKE(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SSEN(3)
CKP
MSTEN
SPRE<2:0>(2)
PPRE<1:0>(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12
DISSCK: Disable SCKx pin bit (SPI Master modes only)
1
= Internal SPI clock is disabled, pin functions as I/O
0
= Internal SPI clock is enabled
bit 11
DISSDO: Disable SDOx pin bit
1
= SDOx pin is not used by module; pin functions as I/O
0
= SDOx pin is controlled by the module
bit 10
MODE16: Word/Byte Communication Select bit
1
= Communication is word-wide (16 bits)
0
= Communication is byte-wide (8 bits)
bit 9
SMP: SPIx Data Input Sample Phase bit
Master mode:
1
= Input data sampled at end of data output time
0
= Input data sampled at middle of data output time
Slave mode:
SMP must be cleared when SPIx is used in Slave mode.
bit 8
CKE: SPIx Clock Edge Select bit(1)
1
= Serial output data changes on transition from active clock state to Idle clock state (see bit 6)
0
= Serial output data changes on transition from Idle clock state to active clock state (see bit 6)
bit 7
SSEN: Slave Select Enable bit (Slave mode)(3)
1
= SSx pin used for Slave mode
0
= SSx pin not used by module. Pin controlled by port function
bit 6
CKP: Clock Polarity Select bit
1
= Idle state for clock is a high level; active state is a low level
0
= Idle state for clock is a low level; active state is a high level
bit 5
MSTEN: Master Mode Enable bit
1
= Master mode
0
= Slave mode
Note 1: The CKE bit is not used in the Framed SPI modes. The user should program this bit to ‘0’ for the Framed
SPI modes (FRMEN = 1).
2: Do not set both Primary and Secondary prescalers to a value of 1:1.
3: This bit must be cleared when FRMEN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com