Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109-BSST Datasheet(PDF) 18 Page - ams AG

Part # AS1109-BSST
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109-BSST Datasheet(HTML) 18 Page - ams AG

Back Button AS1109-BSST Datasheet HTML 14Page - ams AG AS1109-BSST Datasheet HTML 15Page - ams AG AS1109-BSST Datasheet HTML 16Page - ams AG AS1109-BSST Datasheet HTML 17Page - ams AG AS1109-BSST Datasheet HTML 18Page - ams AG AS1109-BSST Datasheet HTML 19Page - ams AG AS1109-BSST Datasheet HTML 20Page - ams AG AS1109-BSST Datasheet HTML 21Page - ams AG AS1109-BSST Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
17 - 24
AS1109
Datasheet - Application In form atio n
9.1.2 Error Detection with Low-Current Diagnosis Mode
This unique feature of the AS1109 uses an internal all 1s test pattern for a flicker free diagnosis of all LEDs. This error detection mode can be
started anytime, and does not require any SDI input (see Figure 21).
Figure 21. Low-Current Diagnosis Mode with Internal All 1s Test Pattern – 128 Cascaded AS1109s
Low-current diagnosis mode is started with 3 clock pulses during error detection mode. After the three pulses of CLK, a pulse of LD loads the
internal all 1s test pattern. Then OEN should be enabled for 2µs for testing. With the rising edge of OEN the test of the LEDs is stopped and
while LD is high the desired error mode can be selected with the corresponding clock pulses.
With the next data input the detailed error code will be clocked out at SDO.
Note:
See Figure 22 for the use of an external test pattern.
Figure 22. Low-Current Diagnosis Mode with External Test Pattern – 128 Cascaded AS1109s
GEF
1024x
1024x
Data0
Data1
Rising Edge of OEN
Acquisition of Error Status
Falling Edge of LD; Error Register is cop-
ied into Shift Register
GEF
O or S Error Code of
All 1s Test Patern
Temperature Error Code
Load Internal All 1s Test Pattern
≤ 100mA
≤ 100mA
2µs Low-Current Diagnosis Mode
3x Clocks Low-
Current Mode
Clock for Error Mode
1x/2x
Display
SDI
SDO
CLK
OEN
LD
Current
≤ 0.8mA
GEF = Global Error Flag
Data1
Data2
Temperature Error Code
Data2
Data1
GEF
GEF
T/O or S Error Code
Data0
Rising Edge of OEN
Acquisition of Error Status
Display
SDI
SDO
CLK
OEN
LD
1024x
1024x
3x Clocks
Low-Current
Mode
Clock for Error
Mode 1x/2x
Falling Edge of LD; Error Register is cop-
ied into Shift Register
O or S Error Code
from Test Pattern
1024x
GEF = Global Error Flag
2µs Low-Current Diagnosis Mode
≤ 100mA
≤ 100mA
Current
≤ 0.8mA
Data2
Data3
External all 1s Test Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com