Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1109-BSST Datasheet(PDF) 23 Page - ams AG

Part # AS1109-BSST
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1109-BSST Datasheet(HTML) 23 Page - ams AG

Back Button AS1109-BSST Datasheet HTML 17Page - ams AG AS1109-BSST Datasheet HTML 18Page - ams AG AS1109-BSST Datasheet HTML 19Page - ams AG AS1109-BSST Datasheet HTML 20Page - ams AG AS1109-BSST Datasheet HTML 21Page - ams AG AS1109-BSST Datasheet HTML 22Page - ams AG AS1109-BSST Datasheet HTML 23Page - ams AG AS1109-BSST Datasheet HTML 24Page - ams AG AS1109-BSST Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
22 - 24
AS1109
Datasheet - Pack a ge Drawin gs and Ma r k ings
Figure 27. 16-pin QFN 4x4mm Package
Marking: YYWWQZZ.
YY
WW
Q
ZZ
Last two digits of the current year
Manufacturing Week
Plant identifier
Traceability code
Symbol
Min
Nom
Max
A
0.70
0.75
0.80
A1
0
0.02
0.05
A3
0.20 REF
L
0.45
0.55
0.65
b
0.25
0.30
0.35
D
4.00 BSC
E
4.00 BSC
e
0.65 BSC
D2
2.00
2.15
2.25
E2
2.00
2.15
2.25
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N16
Notes:
1. Dimensioning & tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Coplanarity applies to the exposed heat slug as well as the terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.
AS
1109B
YYWW
QZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com