Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1113 Datasheet(PDF) 8 Page - ams AG

Part # AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Datasheet(HTML) 8 Page - ams AG

Back Button AS1113 Datasheet HTML 4Page - ams AG AS1113 Datasheet HTML 5Page - ams AG AS1113 Datasheet HTML 6Page - ams AG AS1113 Datasheet HTML 7Page - ams AG AS1113 Datasheet HTML 8Page - ams AG AS1113 Datasheet HTML 9Page - ams AG AS1113 Datasheet HTML 10Page - ams AG AS1113 Datasheet HTML 11Page - ams AG AS1113 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1113
Revision 1.04
7 - 24
AS1113
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
Figure 3. Output Current vs. REXT,
Figure 4. Relative Output Current Error vs. VDD,
VDD = 5V; VDS = 0.8V, TAMB = 25°C
Iout/Iout@VDD=5V - 1, TAMB = 25°C
Figure 5. Output Current vs. VDS;
Figure 6. Output Current vs. VDS;
VDD = 5V, TAMB = 25°C
VDD = 5V, TAMB = 25°C
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
33.5
44.5
55.5
VDD (V)
1
10
100
100
1000
10000
REXT ( )
REXT = 744
Ω;
VDS = 0.5V
REXT = 372
Ω;
VDS = 0.6V
Ω
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
1.2
VDS (V)
0
10
20
30
40
50
60
03
6
9
12
15
VDS (V)
REXT = 470
Ω
REXT = 627
Ω
REXT = 376
Ω
REXT = 940
Ω
REXT = 470
Ω
REXT = 627
Ω
REXT = 376
Ω
REXT = 940
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com