Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1113 Datasheet(PDF) 17 Page - ams AG

Part # AS1113
Description  50mA, 16-Channel LED Driver with Diagnostics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113 Datasheet(HTML) 17 Page - ams AG

Back Button AS1113 Datasheet HTML 13Page - ams AG AS1113 Datasheet HTML 14Page - ams AG AS1113 Datasheet HTML 15Page - ams AG AS1113 Datasheet HTML 16Page - ams AG AS1113 Datasheet HTML 17Page - ams AG AS1113 Datasheet HTML 18Page - ams AG AS1113 Datasheet HTML 19Page - ams AG AS1113 Datasheet HTML 20Page - ams AG AS1113 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1113
Revision 1.04
16 - 24
AS1113
Datasheet - D e t a i l e d D e s c r i p t i o n
On the next falling edge of OEN, current is reduced to ILC. With the next rising edge of OEN the current will immedi-
ately increase to normal levels and the detailed error report can be read out entering error-detection mode.
Figure 16. Switching into Low-Current Diagnostic Mode Timing Diagram
Shutdown Mode
The AS1113 features a shutdown mode which can be entered via 4 clock pulses during error-detection mode. To
enable the shutdown mode a 0 must be placed at SDI after the rising edge of the 3rd clock pulse.
To disable shutdown mode a 1 must be placed at SDI after the 3rd clock pulse. The shutdown/wakeup information will
be latched through if multiple AS1113 devices are in a chain. At the rising edge of the 4th clock pulse the shutdown bit
will be read out and the AS1113 will shutdown or wakeup.
Note: In shutdown mode the supply current drops down to <10µA.
Figure 17. Shutdown Mode Timing Diagram
For detailed timing information see Timing Diagrams on page 9.
OFLAG
TFLAG
SFLAG
Don’t
Care
Re-entering Error
Detection Mode
(see Figure 14)
(see Figure 15)
tTESTING
SDI
OEN
LD
CLK
SDO
Load Internal all 1s
Test Pattern
(optional)
tSW(ERROR)
tP1
tSU(ERROR)
Normal Operation Current
tGSW(ERROR)
tGSW(ERROR)
Low-Current
Diagnosis Mode
tH(L)
SDI
OEN
LD
CLK
SDO
1 = Wakeup
0 = Shutdown
1 = Wakeup
0 = Shutdown
OFLAG
TFLAG
SFLAG
tP4
tSU(ERROR)
tSU(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com