Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130-BSST Datasheet(PDF) 13 Page - ams AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130-BSST Datasheet(HTML) 13 Page - ams AG

Back Button AS1130-BSST Datasheet HTML 9Page - ams AG AS1130-BSST Datasheet HTML 10Page - ams AG AS1130-BSST Datasheet HTML 11Page - ams AG AS1130-BSST Datasheet HTML 12Page - ams AG AS1130-BSST Datasheet HTML 13Page - ams AG AS1130-BSST Datasheet HTML 14Page - ams AG AS1130-BSST Datasheet HTML 15Page - ams AG AS1130-BSST Datasheet HTML 16Page - ams AG AS1130-BSST Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
12 - 38
AS1130
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 22. Reading n Bytes from AS1130
I²C Device Address Byte
The address byte (see Figure 23) is the first byte received following the START condition from the master device.
Figure 23. I²C Device Address Byte
- The bit 1, 2 and 3 of the address byte are defined through the resistor @ the device select pin ADDR (see Table 6 on page 12). A
maximum of 8 devices with the same pre-set code can be connected on the same bus at one time.
- The last bit of the address byte (R/W) define the operation to be performed. When set to a 1 a read operation is selected; when set to a 0
a write operation is selected.
- I²C Common address. All devices are responding on the address “0111111” if the function is enabled in the register AS1130 Config
Register (0x06) on page 25
.
Following the START condition, the AS1130 monitors the I²C bus, checking the device type identifier being transmitted. Upon receiving the
address code, and the R/W bit, the slave device outputs an acknowledge signal on the SDA line.
The pin ADDR is scanned after start up (POR) and defines the address for the device. The device reacts to this address until a hardware reset
(low on pin RSTN) is performed or the power-on-reset (POR) triggers again.
Note:
The internal address decoder needs 5ms to identify the address and to set up the device for this address.
Table 6. Device Address
I2C Address
Bit
Bit Name
Default
Access
Description
3:1
i2c_addr
000
R
Defines the I²C address of one device via an external resistor on pin ADDR
000: 1M
Ω or floating
001: 470k
Ω
010: 220k
Ω
011: 100k
Ω
100: 47k
Ω
101: 22k
Ω
110: 10k
Ω
111: 4.7k
Ω or GND
From Master to Slave
From Slave to Master
A
/A
P
A
S
First Data Byte
Second Data Byte
Slave Address
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
Not Acknowledge
from Master
0
1
0
Acknowledge
from Master
Acknowledge
from AS1130
R/W
1
AS1130 Registers
Autoincrement
Memory Word
Address
n Bytes
Autoincrement
to next address
Stop reading
0
1
1
0*
AD2
AD1
AD0
R/W
MSB
6
5
4
3
2
1
LSB
address:
*) can be factory set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com