Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130-BSST Datasheet(PDF) 21 Page - ams AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130-BSST Datasheet(HTML) 21 Page - ams AG

Back Button AS1130-BSST Datasheet HTML 17Page - ams AG AS1130-BSST Datasheet HTML 18Page - ams AG AS1130-BSST Datasheet HTML 19Page - ams AG AS1130-BSST Datasheet HTML 20Page - ams AG AS1130-BSST Datasheet HTML 21Page - ams AG AS1130-BSST Datasheet HTML 22Page - ams AG AS1130-BSST Datasheet HTML 23Page - ams AG AS1130-BSST Datasheet HTML 24Page - ams AG AS1130-BSST Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
20 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
Dot Correction Register
The AS1130 offers a feature to define a correction factor for the analog current for every segment. This correction factor is called Dot Correction
and is defined in the Dot Correction register (see Table 12). The Dot Correction Register is selected via data 128 on addr 253.
Control-Registers
The AS1130 device contains 14 control-registers which are listed in Table 13. All registers are selected using a 8-bit address word, and com-
munication is done via the serial interface. Select the Control Register via the Register Selection (see Table 7 on page 14).
The Control Register is selected via data 192 on addr 253.
Table 12. Dot Correction Register Format
Segment
Address
Data
HEX
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0x00
0
0
0
0
0
0
0
0
8 bit Dot Correction
1
0x01
0
0
0
0
0
0
0
1
8 bit Dot Correction
2
0x02
0
0
0
0
0
0
1
0
8 bit Dot Correction
3
0x03
0
0
0
0
0
0
1
1
8 bit Dot Correction
4
0x04
0
0
0
0
0
1
0
0
8 bit Dot Correction
5
0x05
0
0
0
0
0
1
0
1
8 bit Dot Correction
6
0x06
0
0
0
0
0
1
1
0
8 bit Dot Correction
7
0x07
0
0
0
0
0
1
1
1
8 bit Dot Correction
8
0x08
0
0
0
0
1
0
0
0
8 bit Dot Correction
9
0x09
0
0
0
0
1
0
0
1
8 bit Dot Correction
A
0x0A
0
0
0
0
1
0
1
0
8 bit Dot Correction
B
0x0B
0
0
0
0
1
0
1
1
8 bit Dot Correction
Table 13. Control Register Address Map
Register Name
HEX
Register Address
Register Data
A7
A6
A5
A4
A3
A2
A1
A0
D7:D0
Picture
0x00
0
0
0
0
0
0
0
0
(see Table 14 on page 21)
Movie
0x01
0
0
0
0
0
0
0
1
(see Table 15 on page 21)
Movie Mode
0x02
0
0
0
0
0
0
1
0
(see Table 16 on page 22)
Frame Time / Scroll
0x03
0
0
0
0
0
0
1
1
(see Table 17 on page 23)
Display Option
0x04
0
0
0
0
0
1
0
0
(see Table 18 on page 24)
Current Source
0x05
0
0
0
0
0
1
0
1
(see Table 19 on page 24)
AS1130 Config
0x06
0
0
0
0
0
1
1
0
(see Table 20 on page 25)
Interrupt Mask
0x07
0
0
0
0
0
1
1
1
(see Table 21 on page 25)
Interrupt Frame Definition
0x08
0
0
0
0
1
0
0
0
(see Table 22 on page 26)
Shutdown & Open/Short
0x09
0
0
0
0
1
0
0
1
(see Table 23 on page 26)
I²C Interface Monitoring
0x0A
0
0
0
0
1
0
1
0
(see Table 24 on page 27)
CLK Synchronization
0x0B
0
0
0
0
1
0
1
1
(see Table 25 on page 27)
Interrupt Status
0x0E
0
0
0
0
1
1
0
0
(see Table 26 on page 28)
AS1130 Status
0x0F
0
0
0
0
1
1
0
1
(see Table 27 on page 29)
Open LED
0x20
0
0
1
0
0
0
0
0
(see Table 28 on page 29)
........................
0x37
0
0
1
1
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com