Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 7 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 7 Page - ams AG

Back Button AS1310 Datasheet HTML 3Page - ams AG AS1310 Datasheet HTML 4Page - ams AG AS1310 Datasheet HTML 5Page - ams AG AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG AS1310 Datasheet HTML 10Page - ams AG AS1310 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.8
6 - 19
AS1310
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
TAMB = +25°C, unless otherwise specified.
Figure 3. Efficiency vs. Output Current; VOUT = 1.8V
Figure 4. Efficiency vs. Output Current; VOUT = 1.8V
40
45
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
100
1000
Output Current (mA)
Vin = 0.9V
Vin = 1.2V
Vin = 1.5V
L1: XPL2010-682M
40
45
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
100
1000
Output Current (mA)
Vin = 0.9V
Vin = 1.2V
Vin = 1.5V
L1: XPL7030-682M
Figure 5. Efficiency vs. Output Current; VOUT = 3.0V
Figure 6. Efficiency vs. Output Current; VOUT = 3.0V
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
Output Current (mA)
Vin = 0.9V
Vin = 1.2V
Vin = 1.5V
Vin = 1.8V
Vin = 2.4V
L1: XPL2010-682M
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
Output Current (mA)
Vin = 0.9V
Vin = 1.2V
Vin = 1.5V
Vin = 1.8V
Vin = 2.4V
L1: XPL7030-682M
Figure 7. Efficiency vs. Input Voltage; VOUT = 1.8V
Figure 8. Maximum Output Current vs. Input Voltage
50
55
60
65
70
75
80
85
90
95
100
0.7
0.9
1.1
1.3
1.5
1.7
1.9
Input Voltage (V)
Iout = 1mA
Iout=10mA
Iout=50mA
L1: XPL2010-682M
0
20
40
60
80
100
120
140
160
180
0
0.5
1
1.5
2
2.5
3
Input Voltage (V)
Vout = 1.8V
Vout = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com