Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1310 Datasheet(PDF) 2 Page - ams AG

Part # AS1310
Description  Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1310 Datasheet(HTML) 2 Page - ams AG

  AS1310 Datasheet HTML 1Page - ams AG AS1310 Datasheet HTML 2Page - ams AG AS1310 Datasheet HTML 3Page - ams AG AS1310 Datasheet HTML 4Page - ams AG AS1310 Datasheet HTML 5Page - ams AG AS1310 Datasheet HTML 6Page - ams AG AS1310 Datasheet HTML 7Page - ams AG AS1310 Datasheet HTML 8Page - ams AG AS1310 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1310
Revision 1.8
1 - 19
Datasheet
AS1310
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
1 General Description
The AS1310 is an ultra low IQ hysteretic step-up DC-DC converter
optimized for light loads (60mA), where it achieves efficiencies of up
to 92%.
AS1310 operates from a 0.7V to 3.6V supply and supports output
voltages between 1.8V and 3.3V. Besides the available AS1310
standard variants any variant with output voltages in 50mV steps are
available. See Ordering Information on page 18 for more information.
If the input voltage exceeds the output voltage the device is in a
feed-through mode and the input is directly connected to the output
voltage.
In light load operation, the device enters a sleep mode when most of
the internal operating blocks are turned off in order to save power.
This mode is active approximately 50µs after a current pulse
provided that the output is in regulation.
In order to save power the AS1310 features a shutdown mode,
where it draws less than 100nA. During shutdown mode the battery
is disconnected from the output.
The AS1310 also offers adjustable low battery detection. If the
battery voltage decreases below the threshold defined by two
external resistors on pin LBI, the LBO output is pulled to logic low.
The AS1310 is available in a TDFN (2x2) 8-pin package.
Figure 1. AS1310 Typical Application Diagram
2 Key Features

Input voltage range: 0.7V to 3.6V

Fixed output voltage range: 1.8V to 3.3V

Output current: 60mA @ VIN=0.9V, VOUT=1.8V

Quiescent current: 1µA (typ.)

Shutdown current: < 100nA

Up to 92% efficiency

Output disconnect in shutdown

Feedthrough mode when VIN > VOUT

Adjustable low battery detection

No external diode or transistor required

Over temperature protection

TDFN (2x2) 8-pin package
3 Applications
The AS1310 is an ideal solution for single and dual cell powered
devices as blood glucose meters, remote controls, hearing aids,
wireless mouse or any light-load application.
VIN
0.7V to 3.6V
AS1310
C2
22µF
On
Off
C1
22µF
GND
2
VOUT
1.8V to 3.3V
7
EN
8
VIN
4
VOUT
6
LBO
1
LBI
R3
Low Battery Detect
R1
R2
L1
6.8µH
LX
3
CREF
100nF
5
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com