Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet(PDF) 13 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 13 Page - ams AG

Back Button AS1332_07 Datasheet HTML 9Page - ams AG AS1332_07 Datasheet HTML 10Page - ams AG AS1332_07 Datasheet HTML 11Page - ams AG AS1332_07 Datasheet HTML 12Page - ams AG AS1332_07 Datasheet HTML 13Page - ams AG AS1332_07 Datasheet HTML 14Page - ams AG AS1332_07 Datasheet HTML 15Page - ams AG AS1332_07 Datasheet HTML 16Page - ams AG AS1332_07 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
12 - 19
AS1332
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 31. Typical Operating System Circuit
Operating the AS1332
AS1332’s control block turns on the internal PFET (P-channel MOSFET) switch during the first part of each switching
cycle, thus allowing current to flow from the input through the inductor to the output filter capacitor and load. The
inductor limits the current to a ramp with a slope of around (VIN - VOUT) / L, by storing energy in a magnetic field.
During the second part of each cycle, the controller turns the PFET switch off, blocking current flow from the input, and
then turns the NFET (N-channel MOSFET) synchronous rectifier on. As a result, the inductor’s magnetic field
collapses, generating a voltage that forces current from ground through the synchronous rectifier to the output filter
capacitor and load.
While the stored energy is transferred back into the circuit and depleted, the inductor current ramps down with a slope
around VOUT / L. The output filter capacitor stores charge when the inductor current is high, and releases it when low,
smoothing the voltage across the load. The output voltage is regulated by modulating the PFET switch on time to
control the average current sent to the load. The effect is identical to sending a duty-cycle modulated rectangular wave
formed by the switch and synchronous rectifier at SW to a low-pass filter formed by the inductor and output filter
capacitor.
The output voltage is equal to the average voltage at the SW pin.
While in operation, the output voltage is regulated by switching at a constant frequency and then modulating the
energy per cycle to control power to the load. Energy per cycle is set by modulating the PFET switch on-time pulse
width to control the peak inductor current. This is done by comparing the signal from the current-sense amplifier with a
slope compensated error signal from the voltage-feedback error amplifier. At the beginning of each cycle, the clock
turns on the PFET switch, causing the inductor current to ramp up. When the current sense signal ramps past the error
amplifier signal, the PWM comparator turns off the PFET switch and turns on the NFET synchronous rectifier, ending
the first part of the cycle.
If an increase in load pulls the output down, the error amplifier output increases, which allows the inductor current to
ramp higher before the comparator turns off the PFET. This increases the average current sent to the output and
adjusts for the increase in the load. Before appearing at the PWM comparator, a slope compensation ramp from the
oscillator is subtracted from the error signal for stability of the current feedback loop. The minimum on time of PFET in
PWM mode is 50ns (typ.)
AS1332
AGND
PGND
PVIN
VDD
SW
FB
1.3V to 3.16V
VOUT = 2.5 x VCON
4.7 µF
3.3 µH
VOUT
2.7V to 5.5V
VIN
10 µF
DAC
ON/OFF
System
Controller
C1
C2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com