Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1332 Datasheet(PDF) 2 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 2 Page - ams AG

  AS1332_07 Datasheet HTML 1Page - ams AG AS1332_07 Datasheet HTML 2Page - ams AG AS1332_07 Datasheet HTML 3Page - ams AG AS1332_07 Datasheet HTML 4Page - ams AG AS1332_07 Datasheet HTML 5Page - ams AG AS1332_07 Datasheet HTML 6Page - ams AG AS1332_07 Datasheet HTML 7Page - ams AG AS1332_07 Datasheet HTML 8Page - ams AG AS1332_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AS1332
650mA, Step-Down DC-DC Conver ter for RF Power Amplifiers
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
1 - 19
Data sheet
1 General Description
The AS1332 is a step-down DC-DC converter designed
to power radiofrequency (RF) power amplifiers (PAs)
from a single Li-Ion battery. The device also achieves
high-performance in mobile phones and similar RF PA
applications.
The AS1332 steps down an input voltage of 2.7V to 5.5V
to output voltages ranging from 1.3V to 3.16V. Using a
VCON analog input, the output voltage is set for
controlling power levels and efficiency of the RF PA.
The RF interferences are minimized due to the fixed-
frequency PWM operation. The battery consumption is
reduced to 0.01µA (typ.) during shutdown.
Because of the high switching frequencies (2 MHz) tiny
surface-mount components can be used. Additional to
the small size the amount is also small. Only three
external components are required, an inductor and two
ceramic capacitors.
The AS1332 is available in a 8-pin WL-CSP.
2 Key Features
!
PWM Switching Frequency: 2MHz
!
Single Lithium-Ion Cell Operation (2.7V to 5.5V)
!
Dynamic Programmable Output Voltage (1.3V to
3.16V)
!
Maximum load capability of 650mA
!
High Efficiency (96% Typ at 3.6VIN, 3.16VOUT at
400mA) from internal synchronous rectification
!
Current Overload Protection
!
Thermal Overload Protection
!
Soft Start
!
8-pin WL-CSP
3 Applications
The AS1332 is an ideal solution for cellular phones,
hand-held radios, RF PC cards, and battery powered RF
devices.
Figure 1. AS1332 - Typical Application Circuit
AS1332
PGND
AGND
VCON
EN
PVIN
VDD
SW
FB
1.3V to 3.16V
VOUT = 2.5 x VCON
4.7 µF
3.3 µH
VOUT
2.7V to 5.5V
VIN
10 µF
0.52V to 1.27V
VCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com