Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC2701 Datasheet(PDF) 1 Page - API Technologies Corp

Part # HC2701
Description  Precision Voltage References
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HC2701 Datasheet(HTML) 1 Page - API Technologies Corp

  HC2701 Datasheet HTML 1Page - API Technologies Corp HC2701 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
165 Cedar Hill Street, Marlborough, MA 01752 Tel: 508.485.6350 Fax: 508.485.5168
www.satconelectronics.com
+10V, Ð
10V, and ± 10V
Precision V oltage References
H C2700
H C2701
H C2702
FEA TURES
• Drop-in Replacements
for A D2700 Series
• Initial A ccuracy to
Better Than 2.5 mV
• Tempcos to BetterThan 3 ppm/ C
• Short Circuit
Protected
• Standard 14 Pin
Dual-in-Line
Package
• Fully Compliant
M IL-STD-883
V ersions A vailable
A PPLICA TIONS
• High A ccuracy
D/A and A /D
Converters
• High Resolution
Servo Systems
• Precision Test and
M easurement Systems
• Calibration Standards
DESCRIPTION
The HC2700 Series are Precision V oltage References
that use Thin Film Hybrid technology to achieve
extremely accurate, low temperature coefficient,
10 volt reference sources.
Nichrome Thin Film resistors on ceramic provide
excellent characteristics: low absolute and tracking
temperature coefficients, trimmable to high accu-
racy and superior long term stability.
K ey specifications for the HC2700 Series include:
untrimmed initial accuracy to 2.5 mV (0.025% ) max-
imum, drifts over temperature to 3 ppm C maximum.
and ± 5 mA drive minimum over the full operating
temperature range. Line and load regulation are
300 µV /V and 50 µV /mA maximum and long term
stability is also excellent, typically 100 ppm for 1000
hours at 25 C.
The HC2700 Series includes internal power supply
filter capacitors to insure continuous low noise
operation.
Three basic versions are available, the HC2700 for
+10 volt applications, the HC2701 for -10 volt
applications and the HC2702 for applications requir-
ing both +10 volt and'-10 volt sources which track
over temperature.
The HC2700 Series is packaged in standard 14 pin
Dual-in-Line packages and 28 pin LCC. M odels are
available fully compliant to M IL-STD-883 for military
and aerospace applications.


Similar Part No. - HC2701

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
HC2701JLCC APITECH-HC2701JLCC Datasheet
71Kb / 2P
Carrier Precision Voltage References JEDEC- Compatible
HC2701LLCC APITECH-HC2701LLCC Datasheet
71Kb / 2P
Carrier Precision Voltage References JEDEC- Compatible
HC2701SLCC APITECH-HC2701SLCC Datasheet
71Kb / 2P
Carrier Precision Voltage References JEDEC- Compatible
HC2701ULCC APITECH-HC2701ULCC Datasheet
71Kb / 2P
Carrier Precision Voltage References JEDEC- Compatible
More results

Similar Description - HC2701

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1404 ONSEMI-MC1404 Datasheet
105Kb / 8P
PRECISION LOW DRIFT VOLTAGE REFERENCES
REV 2
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
logo
Linear Technology
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
Precision Voltage References
logo
ON Semiconductor
CAT8900 ONSEMI-CAT8900 Datasheet
388Kb / 7P
Precision Analog Voltage References
August, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
logo
ON Semiconductor
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
Precision Voltage References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
Precision Voltage References
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com