Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC2701 Datasheet(PDF) 2 Page - API Technologies Corp

Part # HC2701
Description  Precision Voltage References
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HC2701 Datasheet(HTML) 2 Page - API Technologies Corp

  HC2701 Datasheet HTML 1Page - API Technologies Corp HC2701 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E¡
E
ERMAX
E
ERMAX
A BSOLUTE M A XIM UM RA TINGS
Storage Temperature
–65 to + 150 C
Operating Temperature
–55 C to +125 C
+ V cc Supply V oltage
0 to +20 V olts
–V cc Supply V oltage
0 to –20 V olts
Reference Outputs
Short Circuit Protected to GND
HC2700 SERIES — SPECIFICA TIONS (M inimum or M aximum @ V CC= ±15V,RL= 2K , TA = 25 C unless otherwise noted)
M ODEL
HC270xJD
HC270xLD
HC270xSD
HC270xUD
UNITS
Specification Temperature
–25 to +85
–25 to +85
–55 to +125
–55 to +125
C
OUTPUT V OLTA GE ERROR
TA = 25 C
HC2700 (+10.000V )
±0.0050
±0.0025
±0.0050
±0.0025
V
HC2701 (+10.000V )
±0.0050
±0.0025
±0.0050
±0.0025
V
HC2700 (+10.000V )
±0.0050
±0.0025
±0.0050
±0.0025
V
TM IN to TM A X (NOTE 1)
HC2700, HC2701
±10.0
±3.0
±3.0
±3.0
ppm/ C
(±6.0)
(±1.8)
(±3.0)
(±3.0)
mV
(±11.0)
(±4.3)
(±8.0)
(±5.5)
mV
HC2702,
±10.0
±5.0
±5
±3.0
ppm/ C
(±6.0)
(±3.0)
(±5.0
(±3.0)
mV
(±11.0)
(±5.5)
(±10.0)
(±5.5)
mV
OUTPUT CURRENT (Note 2)
TA = 25 C
HC2700,
+10
+10
+10
+10
mA
HC2701,
–10
–10
–10
–10
mA
HC2702,
±10
±10
±10
±10
mA
TM IN to TM A X
HC2700,
+5
+5
+5
+5
mA
HC2701,
–5
–5
–5
–5
mA
HC2702,
±5
±5
±5
±5
mA
LINE REGULA TION
V cc = ± 13.5V to V cc = ± 16.5V
300
300
300
300
µV /V
LOA D REGULA TION
0 to ± 10 mA
50
50
50
50
µV /mA
OUTPUT RESISTA NCE
A ll Types
0.05
0.05
0.05
0.05
Ohms
SUPPLY REQUIREM ENTS
V cc Range
HC2700
+13 to +18
+13 to +18
+13 to +18
+13 to +18
V
HC2701
–13 to –18
–13 to –18
–13 to –18
–13 to –18
V
HC2702
±13 to ±18
±13 to ±18
±13 to ±18
±13 to ±18
V
ICC Quiescent
HC2700
+9
+9
+9
+9
mA
HC2701
–9
–9
–9
–9
mA
HC2702
+9,–3
+9,–3
+9,–3
+9,–3
mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com