Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1356 Datasheet(PDF) 2 Page - ams AG

Part # AS1356
Description  Linear Low-Dropout 150mA Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1356 Datasheet(HTML) 2 Page - ams AG

  AS1356 Datasheet HTML 1Page - ams AG AS1356 Datasheet HTML 2Page - ams AG AS1356 Datasheet HTML 3Page - ams AG AS1356 Datasheet HTML 4Page - ams AG AS1356 Datasheet HTML 5Page - ams AG AS1356 Datasheet HTML 6Page - ams AG AS1356 Datasheet HTML 7Page - ams AG AS1356 Datasheet HTML 8Page - ams AG AS1356 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AS1353
, AS1356
Linear Low-Dropout 150mA Vo ltage Regulators
www.austriamicrosystems.com
Revision 1.03
1 - 13
Dat a Sh eet
1 General Description
The AS1353/AS1356 are high-performance, fixed-volt-
age linear LDOs designed for use with capacitors of 1 to
10µF. The devices can deliver superior performance
even under low dropout conditions when the power tran-
sistor operates in linear mode.
The integrated P-channel MOSFET output allows the
devices to maintain a low supply-current at loads of up
to150mA. A shutdown mode includes logic-controlled
circuitry which reduces shutdown current to less than
1µA (max).
Integrated over-temperature and over-current protec-
tion circuitry switches the devices off in case of thermal
overload or output short-circuit conditions.
The AS1353/AS1356 are optimized for low equivalent-
series resistance (ESR) output capacitors. Additionally,
all devices contain reversed battery protection which dis-
connects the internal circuitry and parasitic diodes if the
battery is connected incorrectly.
The AS1356 also features power-OK circuitry which can
be used to monitor output regulation.
All devices also feature an integrated error amplifier and
built-in 1.25V reference, and output current is limited
(380mA typ) via the on-chip current limiting circuitry.
Multiple output voltages are available as standard prod-
ucts: 3.6, 3.3, 3.0, 2.7, 2.5, or 1.5V. All devices are avail-
able in a 5-pin SOT23 package.
Figure 1. Pinout and Application Diagrams
2 Key Features
!
Ultra-Low Dropout Voltage: 40mV @ 100mA load
!
Output Voltage Range: +1.5 to +3.6V (100mV steps)
!
Max Output Current: 150mA
!
Output Voltage Accuracy: ±1%
!
Low Shutdown Current: 1µA
!
High PSRR: 60dB at 100Hz
!
Integrated Overtemperature/Overcurrent Protection
!
Reverse-Battery Protection (AS1353/AS1356)
!
Power-OK Output (AS1356)
!
Minimal External Components Required
!
Operating Temperature Range: -40 to +85°C
!
5-pin SOT23 Package
3 Applications
The devices are ideal for powering cordless and mobile
phones, MP3 players, CD and DVD players, PDAs,
handheld computers, digital cameras, and any other
hand-held and/or battery-powered device.
AS1356
SHDNM
IN
OUT
POK
CIN
1µF
+2.5 to
+5.5V
COUT
1µF
100k
Ω
On
Off
Preset Output
1.5 to 3.6V,
150mA
To Micro-
processor
AS1353
BP
CBP
0.01µF
SHDNM
IN
OUT
CIN
1µF
+2.5 to
+5.5V
COUT
1µF
On
Off
Preset Output
1.5 to 3.6V,
150mA
GND
AS1353
3
BP
2
1
5
4
OUT
GND
SHDNM
IN
GND
AS1356
3
POK
2
1
5
4
OUT
GND
SHDNM
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com