Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1356 Datasheet(PDF) 3 Page - ams AG

Part # AS1356
Description  Linear Low-Dropout 150mA Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1356 Datasheet(HTML) 3 Page - ams AG

  AS1356 Datasheet HTML 1Page - ams AG AS1356 Datasheet HTML 2Page - ams AG AS1356 Datasheet HTML 3Page - ams AG AS1356 Datasheet HTML 4Page - ams AG AS1356 Datasheet HTML 5Page - ams AG AS1356 Datasheet HTML 6Page - ams AG AS1356 Datasheet HTML 7Page - ams AG AS1356 Datasheet HTML 8Page - ams AG AS1356 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.austriamicrosystems.com
Revision 1.03
2 - 13
AS1353/AS1356
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. AS1353 Pin Descriptions
Pin Number
Pin Name
Description
1IN
LDO Input. Supply voltage can range from 2.5 to 5.5V. Bypass with a 1µF
capacitor to GND (see Capacitor Selection and Regulator Stability on page 10).
2
GND
Ground. This pin also functions as a heat sink. Solder to a large pad or the
circuit-board ground plane to maximize power dissipation.
3
SHDNM
Active-Low Shutdown Input. A logic low reduces the supply current to < 1µA.
Note: Connect to IN for normal operation.
4
BP
Reference-Noise Bypass. Bypass with a low-leakage, 0.01µF ceramic
capacitor for reduced noise at the output.
5
OUT
LDO Output. Fixed 1.5, 2.5, 2.7, 3.0, 3.3, and 3.6V output. Sources up to
150mA.
Table 2. AS1356 Pin Descriptions
Pin Number
Pin Name
Description
1IN
LDO Input. Input voltage can range from 2.5 to 5.5V. Bypass with 1µF to GND
(see Capacitor Selection and Regulator Stability on page 10).
2GND
Ground. This pin also functions as a heat sink. Solder to a large pad or the
circuit-board ground plane to maximize power dissipation.
3
SHDNM
Active-Low Shutdown Input. A logic low reduces the supply current to < 1µA.
Note: Connect to pin IN for normal operation.
4POK
Power-OK Output. Active-low, open-drain output indicates an out-of-regulation
condition. Connect a 100k
Ω pull-up resistor to pin OUT for logic levels.
Note: Leave this pin unconnected if the power-OK feature is not used.
5OUT
LDO Output. Fixed 1.5, 2.5, 2.7, 3.0, 3.3, and 3.6V output. Sources up to
150mA.
3
POK
2
1
5
4
OUT
GND
SHDNM
IN
3
BP
2
1
5
4
OUT
GND
SHDNM
IN
AS1356
AS1353



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com