Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AY0438P Datasheet(PDF) 1 Page - Microchip Technology

Part # AY0438P
Description  32-Segment CMOS LCD Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AY0438P Datasheet(HTML) 1 Page - Microchip Technology

  AY0438P Datasheet HTML 1Page - Microchip Technology AY0438P Datasheet HTML 2Page - Microchip Technology AY0438P Datasheet HTML 3Page - Microchip Technology AY0438P Datasheet HTML 4Page - Microchip Technology AY0438P Datasheet HTML 5Page - Microchip Technology AY0438P Datasheet HTML 6Page - Microchip Technology AY0438P Datasheet HTML 7Page - Microchip Technology AY0438P Datasheet HTML 8Page - Microchip Technology AY0438P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 1995 Microchip Technology Inc.
DS70010I-page 1
FEATURES
• Drives up to 32 LCD segments of arbitrary config-
uration
• CMOS process for: wide supply voltage range,
low- power operation, high-noise immunity, wide
temperature range
• CMOS and TTL-compatible inputs
• Electrostatic discharge protection on all pins
• Cascadable
• On-chip oscillator
• Requires only three control lines
APPLICATIONS
• Industrial displays
• Consumer product displays
• Telecom product displays
• Automotive dashboard displays
DESCRIPTION
The AY0438 is a CMOS integrated device that drives a
liquid crystal display, usually under microprocessor
control. The part acts as a smart peripheral that drives
up to 32 LCD segments. It needs only three control
lines due to its serial input construction. It latches the
data to be displayed and relieves the microprocessor
from the task of generating the required waveforms.
The AY0438 can drive any standard or custom parallel
drive LCD display, whether it be field effect or dynamic
scattering; 7-, 9-, 14- or 16-segment characters; deci-
mals; leading + or -; or special symbols. Several
AY0438 devices can be cascaded. The AC frequency
of the LCD waveforms can either be supplied by the
user or generated by attaching a capacitor to the LCD
input, which controls the frequency of an internal oscil-
lator.
The AY0438 is available in 40-lead dual in-line plastic
and 44-lead PLCC packages. Unpackaged dice are
also available.
PIN CONFIGURATION
CLOCK
SEG 1
SEG 2
SEG 3
VSS
DATA OUT
DATA IN
SEG 4
SEG 5
LCD
Φ
BP
SEG 6
SEG 7
SEG 8
SEG 9
SEG 10
SEG 11
SEG 12
SEG 13
SEG 14
VDD
LOAD
SEG 32
SEG 31
SEG 30
SEG 29
SEG 28
SEG 27
SEG 26
SEG 25
SEG 24
SEG 23
SEG 22
SEG 21
SEG 20
SEG 19
SEG 18
SEG 17
SEG 16
SEG 15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
NC
DATA OUT
DATA IN
SEG 4
SEG 5
LCD
Φ
BP
SEG 6
SEG 7
SEG 8
NC
SEG 29
SEG 28
SEG 27
SEG 26
SEG 25
SEG 24
SEG 23
SEG 22
SEG 21
SEG 20
SEG 19
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
40-Lead Dual In-line
44 PLCC
AY0438
AY0438
32-Segment CMOS LCD Driver


Similar Part No. - AY0438P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
32-Segment CMOS LCD Driver
1995 - 2002
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
32-Segment CMOS LCD Driver
03/01/02
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
32-Segment CMOS LCD Driver
1995-2002
AY0438-I-L MICROCHIP-AY0438-I-L Datasheet
84Kb / 11P
32-Segment CMOS LCD Driver
03/01/02
AY0438-I-P MICROCHIP-AY0438-I-P Datasheet
84Kb / 11P
32-Segment CMOS LCD Driver
03/01/02
More results

Similar Description - AY0438P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
32-Segment CMOS LCD Driver
1995 - 2002
logo
List of Unclassifed Man...
SED1180 ETC-SED1180 Datasheet
44Kb / 10P
CMOS LCD 64-SEGMENT DRIVER
SED1600 ETC1-SED1600 Datasheet
53Kb / 10P
CMOS 80-SEGMENT LCD DRIVER
SED1606D ETC1-SED1606D Datasheet
269Kb / 13P
CMOS LCD SEGMENT DRIVER
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
LCD Segment (Column) Driver CMOS
logo
Microchip Technology
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
32-Segment CMOS LCD Driver
1995-2002
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
32-Segment CMOS LCD Driver
03/01/02
logo
Motorola, Inc
MC141531 MOTOROLA-MC141531 Datasheet
384Kb / 25P
LCD Segment / Common Driver CMOS
logo
List of Unclassifed Man...
SDI1621 ETC-SDI1621 Datasheet
311Kb / 8P
4-segment 32-bit LCD driver
V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com