Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AY0438P Datasheet(PDF) 2 Page - Microchip Technology

Part # AY0438P
Description  32-Segment CMOS LCD Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AY0438P Datasheet(HTML) 2 Page - Microchip Technology

  AY0438P Datasheet HTML 1Page - Microchip Technology AY0438P Datasheet HTML 2Page - Microchip Technology AY0438P Datasheet HTML 3Page - Microchip Technology AY0438P Datasheet HTML 4Page - Microchip Technology AY0438P Datasheet HTML 5Page - Microchip Technology AY0438P Datasheet HTML 6Page - Microchip Technology AY0438P Datasheet HTML 7Page - Microchip Technology AY0438P Datasheet HTML 8Page - Microchip Technology AY0438P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AY0438
DS70010I-page 2
© 1995 Microchip Technology Inc.
FIGURE 1: PIN DESCRIPTIONS
Pin # (PDIP Only)
Name
Direction
Description
1VDD
-
Supply voltage
2
Load
Input
Latch data from registers
3-29, 32, 33, 37-39
Seg 1-32
Output
Direct drive outputs
30
BP
Output
Backplane drive output
31
LCD
Φ
Input
Backplane drive input
34
Data In
Input
Data input to shift register
35
Data Out
Output
Data output from shift register
36
VSS
Ground
Ground
40
Clock
Input
System clock input
FIGURE 2: BLOCK DIAGRAM
32 Latches
Clock
Data in
Load
LCD
Φ
Data out
32 Outputs
Backplane
output
32 Segment Drivers
LCD AC
Generator
32-bit Static Shift Register
FIGURE 3: BACKPLANE AND SEGMENT
OUTPUT
SEG On
Backplane
SEG Off
FIGURE 4: TIMING DIAGRAM
START
CLOCK
Data in
Data out
Load
1/f
tDS
tDH
tPD
32
1
tPW
31
SEG 32
SEG 2
SEG 1
1.0
OPERATION:
1.1
Data In and Clock
The shift register shifts and outputs on the falling edge
of the clock. Every clock falling edge does a logical left
shift. As an example, if 32 clock pulses are supplied as
in Figure 4, then the data input at the first clock will out-
put at SEG 32, and the last data input (# 32) will output
at SEG 1 when a LOAD signal is enabled (Figure 2). It
is recommended that a complete 32 bit transfer be
done every time the outputs are updated. A logic 1 at
the Data In causes the corresponding segment to be
enabled or visible, i.e. the output at Segment Output is
180
° out-of-phase with the Backplane output
(Figure 3).
1.2
Load
A logic 1 at the Load input (Figure 2) causes the paral-
lel load of the data in the shift register into the latches
that control the segment drivers. If the Load signal is
tied high, then the latches become transparent and the
segment drivers are always connected to the shift reg-
isters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com