Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP131X Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP131X
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131X Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP131X Datasheet HTML 35Page - Microchip Technology MCP131X Datasheet HTML 36Page - Microchip Technology MCP131X Datasheet HTML 37Page - Microchip Technology MCP131X Datasheet HTML 38Page - Microchip Technology MCP131X Datasheet HTML 39Page - Microchip Technology MCP131X Datasheet HTML 40Page - Microchip Technology MCP131X Datasheet HTML 41Page - Microchip Technology MCP131X Datasheet HTML 42Page - Microchip Technology MCP131X Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 39
MCP131X/2X
APPENDIX A:
REVISION HISTORY
Revision B (October 2007)
• Clarified that devices with a Voltage Trip Point
≤ 2.4V are tested from -40
°C to + 85°C. Devices
with a Voltage Trip Point
≥ 2.5V are tested from
-40
°C to +125°C.
Revision A (November 2005)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com