Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP131X Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP131X
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131X Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP131X Datasheet HTML 36Page - Microchip Technology MCP131X Datasheet HTML 37Page - Microchip Technology MCP131X Datasheet HTML 38Page - Microchip Technology MCP131X Datasheet HTML 39Page - Microchip Technology MCP131X Datasheet HTML 40Page - Microchip Technology MCP131X Datasheet HTML 41Page - Microchip Technology MCP131X Datasheet HTML 42Page - Microchip Technology MCP131X Datasheet HTML 43Page - Microchip Technology MCP131X Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 41
MCP131X/2X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1316T:
MicroPower Voltage Detector
(Tape and Reel)
MCP1316MT: MicroPower Voltage Detector
(Tape and Reel)
MCP1317T:
MicroPower Voltage Detector
(Tape and Reel)
MCP1318T:
MicroPower Voltage Detector
(Tape and Reel)
MCP1318MT: MicroPower Voltage Detector
(Tape and Reel)
MCP1319T:
MicroPower Voltage Detector
(Tape and Reel)
MCP1319MT: MicroPower Voltage Detector
(Tape and Reel)
MCP1320T:
MicroPower Voltage Detector
(Tape and Reel)
MCP1321T:
MicroPower Voltage Detector
(Tape and Reel)
MCP1322T:
MicroPower Voltage Detector
(Tape and Reel)
VTRIP Options:
(Note 1)
29
= 2.90V
46
= 4.60V
Time Out Options:
(Note 1)
L= tRST = 200 ms (typ),
tWDT = 1.6 s (typ)
Temperature Range:
I
= -40°C to +85°C
(Only for trip points 2.0V to 2.4V)
E
= -40°C to +125°C
(For trip point
≥ 2.5V)
Package:
OT = SOT-23, 5-lead
Note
1:
Custom ordered voltage trip points and time outs available. Please
contact your local Microchip sales office for additional information.
Minimum purchase volumes are required.
PART NO.
XX
X
Temperature
VTRIP
Options
Device
Examples:
a)
MCP1316T-29LE/OT:
5-Lead SOT-23-5
b)
MCP1316T-46LE/OT:
5-Lead SOT-23-5
c)
MCP1316MT-29LE/OT:
5-Lead SOT-23-5
d)
MCP1316MT-46LE/OT:
5-Lead SOT-23-5
a)
MCP1317T-29LE/OT:
5-Lead SOT-23-5
b)
MCP1317T-46LE/OT:
5-Lead SOT-23-5
a)
MCP1318T-29LE/OT:
5-Lead SOT-23-5
b)
MCP1318MT-29LE/OT:
5-Lead SOT-23-5
c)
MCP1318T-46LE/OT:
5-Lead SOT-23-5
d)
MCP1318MT-46LE/OT:
5-Lead SOT-23-5
a)
MCP1319T-29LE/OT:
5-Lead SOT-23-5
b)
MCP1318MT-29LE/OT:
5-Lead SOT-23-5
c)
MCP1319T-46LE/OT:
5-Lead SOT-23-5
d)
MCP1318MT-46LE/OT:
5-Lead SOT-23-5
a)
MCP1320T-29LE/OT:
5-Lead SOT-23-5
b)
MCP1320T-46LE/OT:
5-Lead SOT-23-5
a)
MCP1321T-29LE/OT:
5-Lead SOT-23-5
b)
MCP1321T-46LE/OT:
5-Lead SOT-23-5
a)
MCP1322T-29LE/OT:
5-Lead SOT-23-5
b)
MCP1322T-46LE/OT:
5-Lead SOT-23-5
Range
XX
Package
X
Tape/Reel
Option
/
X
Time Out
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com