Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO96NDB2V1 Datasheet(PDF) 23 Page - Microsemi Corporation

Part # IO96NDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96NDB2V1 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button IO96NDB2V1 Datasheet HTML 19Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 20Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 21Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 22Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 23Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 24Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 25Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 26Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-7
Temperature and Voltage Derating Factors
Calculating Power Dissipation
Quiescent Supply Current
Quiescent supply current (IDD) calculation depends on multiple factors, including operating voltages
(VCC, VCCI, and VJTAG), operating temperature, system clock frequency, and power mode usage.
Microsemi recommends using the Power Calculator and SmartPower software estimation tools to
evaluate the projected static and active power based on the user design, power mode usage, operating
voltage, and temperature.
Table 2-6 •
Temperature and Voltage Derating Factors for Timing Delays
(normalized to TJ = 70°C, VCC = 1.14 V)
Array Voltage VCC (V)
Junction Temperature (°C)
–40°C
0°C
25°C
70°C
85°C
110°C
1.14
0.90
0.94
0.96
1.00
1.01
1.03
1.2
0.870.900.920.960.970.99
1.26
0.83
0.86
0.88
0.92
0.93
0.85
1.3
0.810.840.860.900.910.93
1.35
0.78
0.81
0.83
0.87
0.88
0.89
1.4
0.750.780.800.830.840.86
1.425
0.74
0.77
0.78
0.82
0.83
0.85
1.5
0.700.720.740.770.790.80
1.575
0.67
0.70
0.72
0.75
0.76
0.77
Table 2-7 • Power Supply State per Mode
Modes/Power Supplies
Power Supply Configurations
VCC
VCCPLL
VCCI
VJTAG
VPUMP
Flash*Freeze
On
On
On
On
On/off/floating
Sleep
Off
Off
On
Off
Off
Shutdown
Off
Off
Off
Off
Off
No Flash*Freeze
On
On
On
On
On/off/floating
Note: Off: Power Supply level = 0 V
Table 2-8 •
Quiescent Supply Current (IDD) Characteristics, ProASIC3L Flash*Freeze Mode*
Core Voltage
A3P250L
A3P600L
A3P1000L
A3PE3000L Units
Typical (25°C)
1.2 V
0.33
0.55
0.88
2.75
mA
1.5 V
0.5
0.83
1.33
4.2
mA
Note: * IDD includes VCC, VPUMP, VCCI, VJTAG, and VCCPLL currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com