Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO96NDB2V1 Datasheet(PDF) 60 Page - Microsemi Corporation

Part # IO96NDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96NDB2V1 Datasheet(HTML) 60 Page - Microsemi Corporation

Back Button IO96NDB2V1 Datasheet HTML 56Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 57Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 58Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 59Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 60Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 61Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 62Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 63Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-44
Revision 13
Timing Characteristics
1.5 V DC Core Voltage
Table 2-50 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Pro I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.59
5.48 0.04 1.58 2.17
0.38
5.58 4.40 2.42 2.20
7.60
6.42
ns
–1
0.50
4.66 0.03 1.34 1.85
0.33
4.75 3.75 2.06 1.87
6.46
5.46
ns
8 mA
Std.
0.59
4.48 0.04 1.58 2.17
0.38
4.56 3.76 2.73 2.76
6.57
5.78
ns
–1
0.50
3.81 0.03 1.34 1.85
0.33
3.88 3.20 2.33 2.35
5.59
4.91
ns
12 mA
Std.
0.59
3.77 0.04 1.58 2.17
0.38
3.84 3.28 2.95 3.12
5.85
5.29
ns
–1
0.50
3.21 0.03 1.34 1.85
0.33
3.27 2.79 2.51 2.65
4.98
4.50
ns
16 mA
Std.
0.59
3.57 0.04 1.58 2.17
0.38
3.63 3.18 2.99 3.22
5.64
5.19
ns
–1
0.50
3.03 0.03 1.34 1.85
0.33
3.09 2.70 2.54 2.74
4.80
4.41
ns
24 mA
Std.
0.59
3.46 0.04 1.58 2.17
0.38
3.52 3.19 3.05 3.57
5.54
5.20
ns
–1
0.50
2.94 0.03 1.34 1.85
0.33
3.00 2.71 2.59 3.03
4.71
4.42
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-51 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Pro I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.59
3.08 0.04 1.58 2.17
0.38
3.14 2.36 2.42 2.33
5.15
4.38
ns
–1
0.50
2.62 0.03 1.34 1.85
0.33
2.67 2.01 2.06 1.98
4.38
3.72
ns
8 mA
Std.
0.59
2.53 0.04 1.58 2.17
0.38
2.58 1.89 2.74 2.89
4.59
3.90
ns
–1
0.50
2.16 0.03 1.34 1.85
0.33
2.20 1.61 2.33 2.46
3.91
3.32
ns
12 mA
Std.
0.59
2.22 0.04 1.58 2.17
0.38
2.27 1.67 2.95 3.25
4.28
3.68
ns
–1
0.50
1.89 0.03 1.34 1.85
0.33
1.93 1.42 2.51 2.77
3.64
3.13
ns
16 mA
Std.
0.59
2.17 0.04 1.58 2.17
0.38
2.21 1.63 3.00 3.35
4.23
3.64
ns
–1
0.50
1.85 0.03 1.34 1.85
0.33
1.88 1.38 2.55 2.85
3.59
3.09
ns
24 mA
Std.
0.59
2.19 0.04 1.58 2.17
0.38
2.24 1.57 3.05 3.71
4.25
3.58
ns
–1
0.50
1.87 0.03 1.34 1.85
0.33
1.90 1.33 2.59 3.16
3.61
3.05
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com