Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO96NDB2V1 Datasheet(PDF) 128 Page - Microsemi Corporation

Part # IO96NDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96NDB2V1 Datasheet(HTML) 128 Page - Microsemi Corporation

Back Button IO96NDB2V1 Datasheet HTML 124Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 125Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 126Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 127Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 128Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 129Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 130Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 131Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 132Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-112
Revision 13
Timing Characteristics
1.5 V DC Core Voltage
1.2 V DC Core Voltage
Table 2-190 • Output Data Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std. Units
tOCLKQ
Clock-to-Q of the Output Data Register
0.60 0.71
ns
tOSUD
Data Setup Time for the Output Data Register
0.32 0.37
ns
tOHD
Data Hold Time for the Output Data Register
0.00 0.00
ns
tOSUE
Enable Setup Time for the Output Data Register
0.45 0.53
ns
tOHE
Enable Hold Time for the Output Data Register
0.00 0.00
ns
tOCLR2Q
Asynchronous Clear-to-Q of the Output Data Register
0.82 0.96
ns
tOPRE2Q
Asynchronous Preset-to-Q of the Output Data Register
0.82 0.96
ns
tOREMCLR
Asynchronous Clear Removal Time for the Output Data Register
0.00 0.00
ns
tORECCLR
Asynchronous Clear Recovery Time for the Output Data Register
0.23 0.27
ns
tOREMPRE
Asynchronous Preset Removal Time for the Output Data Register
0.00 0.00
ns
tORECPRE
Asynchronous Preset Recovery Time for the Output Data Register
0.23 0.27
ns
tOWCLR
Asynchronous Clear Minimum Pulse Width for the Output Data Register
0.19 0.22
ns
tOWPRE
Asynchronous Preset Minimum Pulse Width for the Output Data Register
0.19 0.22
ns
tOCKMPWH
Clock Minimum Pulse Width High for the Output Data Register
0.31 0.36
ns
tOCKMPWL
Clock Minimum Pulse Width Low for the Output Data Register
0.28 0.32
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
Table 2-191 • Output Data Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Parameter
Description
–1
Std. Units
tOCLKQ
Clock-to-Q of the Output Data Register
0.78 0.92
ns
tOSUD
Data Setup Time for the Output Data Register
0.42 0.49
ns
tOHD
Data Hold Time for the Output Data Register
0.00 0.00
ns
tOSUE
Enable Setup Time for the Output Data Register
0.58 0.69
ns
tOHE
Enable Hold Time for the Output Data Register
0.00 0.00
ns
tOCLR2Q
Asynchronous Clear-to-Q of the Output Data Register
1.07 1.26
ns
tOPRE2Q
Asynchronous Preset-to-Q of the Output Data Register
1.07 1.26
ns
tOREMCLR
Asynchronous Clear Removal Time for the Output Data Register
0.00 0.00
ns
tORECCLR
Asynchronous Clear Recovery Time for the Output Data Register
0.30 0.35
ns
tOREMPRE
Asynchronous Preset Removal Time for the Output Data Register
0.00 0.00
ns
tORECPRE
Asynchronous Preset Recovery Time for the Output Data Register
0.30 0.35
ns
tOWCLR
Asynchronous Clear Minimum Pulse Width for the Output Data Register
0.19 0.22
ns
tOWPRE
Asynchronous Preset Minimum Pulse Width for the Output Data Register
0.19 0.22
ns
tOCKMPWH
Clock Minimum Pulse Width High for the Output Data Register
0.31 0.36
ns
tOCKMPWL
Clock Minimum Pulse Width Low for the Output Data Register
0.28 0.32
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com