Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO96NDB2V1 Datasheet(PDF) 139 Page - Microsemi Corporation

Part # IO96NDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96NDB2V1 Datasheet(HTML) 139 Page - Microsemi Corporation

Back Button IO96NDB2V1 Datasheet HTML 135Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 136Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 137Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 138Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 139Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 140Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 141Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 142Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 143Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-123
Timing Characteristics
1.5 V DC Core Voltage
1.2 V DC Core Voltage
Table 2-200 • Combinatorial Cell Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Combinatorial Cell
Equation
Parameter
–1
Std.
Units
INV
Y =!A
tPD
0.41
0.48
ns
AND2
Y = A · B
tPD
0.48
0.57
ns
NAND2
Y =!(A · B)
tPD
0.48
0.57
ns
OR2
Y = A + B
tPD
0.50
0.58
ns
NOR2
Y =!(A + B)
tPD
0.50
0.58
ns
XOR2
Y = A
Bt
PD
0.75
0.88
ns
MAJ3
Y = MAJ(A, B, C)
tPD
0.71
0.84
ns
XOR3
Y = A
B Ct
PD
0.89
1.05
ns
MUX2
Y = A !S + B S
tPD
0.52
0.61
ns
AND3
Y = A · B · C
tPD
0.57
0.67
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for
derating values.
Table 2-201 • Combinatorial Cell Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Combinatorial Cell
Equation
Parameter
–1
Std.
Units
INV
Y = !A
tPD
0.54
0.63
ns
AND2
Y = A · B
tPD
0.63
0.74
ns
NAND2
Y = !(A · B)
tPD
0.63
0.74
ns
OR2
Y = A + B
tPD
0.65
0.76
ns
NOR2
Y = !(A + B)
tPD
0.65
0.76
ns
XOR2
Y = A
Bt
PD
0.98
1.16
ns
MAJ3
Y = MAJ(A , B, C)
tPD
0.93
1.09
ns
XOR3
Y = A
B Ct
PD
1.17
1.37
ns
MUX2
Y = A !S + B S
tPD
0.68
0.79
ns
AND3
Y = A · B · C
tPD
0.75
0.88
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for
derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com