Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO96NDB2V1 Datasheet(PDF) 157 Page - Microsemi Corporation

Part # IO96NDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96NDB2V1 Datasheet(HTML) 157 Page - Microsemi Corporation

Back Button IO96NDB2V1 Datasheet HTML 153Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 154Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 155Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 156Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 157Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 158Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 159Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 160Page - Microsemi Corporation IO96NDB2V1 Datasheet HTML 161Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-141
Table 2-217 • RAM512X18 – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Parameter
Description
–1
Std. Units
tAS
Address setup time
0.33 0.39
ns
tAH
Address hold time
0.00 0.00
ns
tENS
REN, WEN setup time
0.12 0.14
ns
tENH
REN, WEN hold time
0.08 0.09
ns
tDS
Input data (WD) setup time
0.24 0.29
ns
tDH
Input data (WD) hold time
0.00 0.00
ns
tCKQ1
Clock High to new data valid on RD (output retained, WMODE = 0)
2.88 3.39
ns
tCKQ2
Clock High to new data valid on RD (pipelined)
1.19 1.40
ns
tC2CRWH1
Address collision clk-to-clk delay for reliable read access after write on same
address – applicable to opening edge
0.25 0.29
ns
tC2CWRH1
Address collision clk-to-clk delay for reliable write access after read on same
address – applicable to opening edge
0.31 0.36
ns
tRSTBQ
RESET Low to data out Low on RD (flow-through)
1.23 1.45
ns
RESET Low to data out Low on RD (pipelined)
1.23 1.45
ns
tREMRSTB
RESET removal
0.38 0.45
ns
tRECRSTB
RESET recovery
2.00 2.35
ns
tMPWRSTB RESET minimum pulse width
0.63 0.72
ns
tCYC
Clock cycle time
5.75 6.61
ns
FMAX
Maximum frequency
174 151 MHz
Notes:
1. For more information, refer to the application note Simultaneous Read-Write Operations in Dual-Port SRAM for Flash-
Based cSoCs and FPGAs.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com