Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2502X Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP2502X Datasheet HTML 35Page - Microchip Technology MCP2502X Datasheet HTML 36Page - Microchip Technology MCP2502X Datasheet HTML 37Page - Microchip Technology MCP2502X Datasheet HTML 38Page - Microchip Technology MCP2502X Datasheet HTML 39Page - Microchip Technology MCP2502X Datasheet HTML 40Page - Microchip Technology MCP2502X Datasheet HTML 41Page - Microchip Technology MCP2502X Datasheet HTML 42Page - Microchip Technology MCP2502X Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 39
MCP2502X/5X
REGISTER 6-3:
T1CON: TIMER1 CONTROL REGISTER
REGISTER 6-4:
T2CON: TIMER2 CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
U-0
U-0
R/W-x
R/W-x
TMR1ON
—
T1CKPS1 T1CKPS0
—
—
DC1B1
DC1B0
bit 7
bit 0
bit 7
TMR1ON: Timer1 On bit
1
= Enables Timer1
0
= Disables Timer1
bit 6
Unimplemented: Read as '0'
bit 5-4
T1CKPS1:T1CKPS0: Timer1 Clock Prescale Select bits
00
= Prescaler is 1
01
= Prescaler is 4
1x
= Prescaler is 16
bit 3-2
Unimplemented: Read as '0'
bit 1-0
DC1B1:DC1B0: Least Significant PWM1 Duty Cycle bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-0
U-0
R/W-0
R/W-0
U-0
U-0
R/W-x
R/W-x
TMR2ON
—
T2CKPS1 T2CKPS0
—
—
DC2B1
DC2B0
bit 7
bit 0
bit 7
TMR2ON: Timer2 On bit
1
= Enables Timer2
0
= Disables Timer2
bit 6
Unimplemented: Read as '0'
bit 5-4
T2CKPS1:T2CKPS0: Timer2 Clock Prescale Select bits
00
= Prescaler is 1
01
= Prescaler is 4
1x
= Prescaler is 16
bit 3-2
Unimplemented: Read as '0'
bit 1-0
DC2B1:DC2B0: Least Significant PWM2 Duty Cycle bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com