Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2502X Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2502X Datasheet HTML 9Page - Microchip Technology MCP2502X Datasheet HTML 10Page - Microchip Technology MCP2502X Datasheet HTML 11Page - Microchip Technology MCP2502X Datasheet HTML 12Page - Microchip Technology MCP2502X Datasheet HTML 13Page - Microchip Technology MCP2502X Datasheet HTML 14Page - Microchip Technology MCP2502X Datasheet HTML 15Page - Microchip Technology MCP2502X Datasheet HTML 16Page - Microchip Technology MCP2502X Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 13
MCP2502X/5X
REGISTER 2-7:
TXIDNSIDL - TRANSMIT IDENTIFIER N STANDARD IDENTIFIER LOW
REGISTER 2-8:
TXIDNEID8 - TRANSMIT IDENTIFIER N EXTENDED IDENTIFIER HIGH
REGISTER 2-9:
TXIDNEID0 - TRANSMIT IDENTIFIER N EXTENDED IDENTIFIER LOW
R/W-x
R/W-x
R/W-x
U-0
R/W-x
U-0
R/W-x
R/W-x
SID2
SID1
SID0
—
EXIDE
—EID17
EID16
bit 7
bit 0
bit 7-5
SID2:SID0: Standard Identifier bits
bit 4
Unimplemented: Read as '0’
bit 3
EXIDE: Extended Identifier Enable bit
1
= Message will transmit extended identifier
0
= Message will transmit standard identifier
bit 2
Unimplemented: Read as '0’
bit 1-0
EID17:EID16: Extended Identifier bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
bit 7
bit 0
bit 7-0
EID15:EID8: Extended Identifier bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
bit 7
bit 0
bit 7-0
EID7:EID0: Extended Identifier bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com