Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 83Page - Microchip Technology PIC17C44 Datasheet HTML 84Page - Microchip Technology PIC17C44 Datasheet HTML 85Page - Microchip Technology PIC17C44 Datasheet HTML 86Page - Microchip Technology PIC17C44 Datasheet HTML 87Page - Microchip Technology PIC17C44 Datasheet HTML 88Page - Microchip Technology PIC17C44 Datasheet HTML 89Page - Microchip Technology PIC17C44 Datasheet HTML 90Page - Microchip Technology PIC17C44 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 241 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 87
PIC17C4X
TABLE 13-3:
BAUD RATES FOR SYNCHRONOUS MODE
BAUD
RATE
(K)
FOSC = 33 MHz
SPBRG
value
(decimal)
FOSC = 25 MHz
SPBRG
value
(decimal)
FOSC = 20 MHz
SPBRG
value
(decimal)
FOSC = 16 MHz
SPBRG
value
(decimal)
KBAUD
%ERROR
KBAUD
%ERROR
KBAUD
%ERROR
KBAUD
%ERROR
0.3
NA
—
—
NA
—
—
NA
—
—
NA
—
—
1.2
NA
—
—
NA
—
—
NA
—
—
NA
—
—
2.4
NA
—
—
NA
—
—
NA
—
—
NA
—
—
9.6
NA
—
—
NA
—
—
NA
—
—
NA
—
—
19.2
NA
—
—
NA
—
—
19.53
+1.73
255
19.23
+0.16
207
76.8
77.10
+0.39
106
77.16
+0.47
80
76.92
+0.16
64
76.92
+0.16
51
96
95.93
-0.07
85
96.15
+0.16
64
96.15
+0.16
51
95.24
-0.79
41
300
294.64
-1.79
27
297.62
-0.79
20
294.1
-1.96
16
307.69
+2.56
12
500
485.29
-2.94
16
480.77
-3.85
12
500
0
9
500
0
7
HIGH
8250
—
0
6250
—
0
5000
—
0
4000
—
0
LOW
32.22
—
255
24.41
—
255
19.53
—
255
15.625
—
255
BAUD
RATE
(K)
FOSC = 10 MHz
SPBRG
value
(decimal)
FOSC = 7.159 MHz
SPBRG
value
(decimal)
FOSC = 5.068 MHz
SPBRG
value
(decimal)
KBAUD
%ERROR
KBAUD
%ERROR
KBAUD
%ERROR
0.3
NA
—
—
NA
—
—
NA
—
—
1.2
NA
—
—
NA
—
—
NA
—
—
2.4
NA
—
—
NA
—
—
NA
—
—
9.6
9.766
+1.73
255
9.622
+0.23
185
9.6
0
131
19.2
19.23
+0.16
129
19.24
+0.23
92
19.2
0
65
76.8
75.76
-1.36
32
77.82
+1.32
22
79.2
+3.13
15
96
96.15
+0.16
25
94.20
-1.88
18
97.48
+1.54
12
300
312.5
+4.17
7
298.3
-0.57
5
316.8
+5.60
3
500
500
0
4
NA
—
—NA—
—
HIGH
2500
—
0
1789.8
—
0
1267
—
0
LOW
9.766
—
255
6.991
—
255
4.950
—
255
BAUD
RATE
(K)
FOSC = 3.579 MHz
SPBRG
value
(decimal)
FOSC = 1 MHz
SPBRG
value
(decimal)
FOSC = 32.768 kHz
SPBRG
value
(decimal)
KBAUD
%ERROR
KBAUD
%ERROR
KBAUD
%ERROR
0.3
NA
—
—
NA
—
—
0.303
+1.14
26
1.2
NA
—
—
1.202
+0.16
207
1.170
-2.48
6
2.4
NA
—
—
2.404
+0.16
103
NA
—
—
9.6
9.622
+0.23
92
9.615
+0.16
25
NA
—
—
19.2
19.04
-0.83
46
19.24
+0.16
12
NA
—
—
76.8
74.57
-2.90
11
83.34
+8.51
2
NA
—
—
96
99.43
_3.57
8
NA
—
—
NA
—
—
300
298.3
-0.57
2
NA
—
—
NA
—
—
500
NA
—
—
NA
—
—
NA
—
—
HIGH
894.9
—
0
250
—
0
8.192
—
0
LOW
3.496
—
255
0.976
—
255
0.032
—
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com