Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44 Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC17C44
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44 Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC17C44 Datasheet HTML 84Page - Microchip Technology PIC17C44 Datasheet HTML 85Page - Microchip Technology PIC17C44 Datasheet HTML 86Page - Microchip Technology PIC17C44 Datasheet HTML 87Page - Microchip Technology PIC17C44 Datasheet HTML 88Page - Microchip Technology PIC17C44 Datasheet HTML 89Page - Microchip Technology PIC17C44 Datasheet HTML 90Page - Microchip Technology PIC17C44 Datasheet HTML 91Page - Microchip Technology PIC17C44 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 241 page
background image
PIC17C4X
DS30412C-page 88
© 1996 Microchip Technology Inc.
TABLE 13-4:
BAUD RATES FOR ASYNCHRONOUS MODE
BAUD
RATE
(K)
FOSC = 33 MHz
SPBRG
value
(decimal)
FOSC = 25 MHz
SPBRG
value
(decimal)
FOSC = 20 MHz
SPBRG
value
(decimal)
FOSC = 16 MHz
SPBRG
value
(decimal)
KBAUD
%ERROR
KBAUD
%ERROR
KBAUD
%ERROR
KBAUD
%ERROR
0.3
NA
—
—
NA
—
—
NA
—
—
NA
—
—
1.2
NA
—
—
NA
—
—
1.221
+1.73
255
1.202
+0.16
207
2.4
2.398
-0.07
214
2.396
0.14
162
2.404
+0.16
129
2.404
+0.16
103
9.6
9.548
-0.54
53
9.53
-0.76
40
9.469
-1.36
32
9.615
+0.16
25
19.2
19.09
-0.54
26
19.53
+1.73
19
19.53
+1.73
15
19.23
+0.16
12
76.8
73.66
-4.09
6
78.13
+1.73
4
78.13
+1.73
3
83.33
+8.51
2
96
103.12
+7.42
4
97.65
+1.73
3
104.2
+8.51
2
NA
—
—
300
257.81
-14.06
1
390.63
+30.21
0
312.5
+4.17
0
NA
—
—
500
515.62
+3.13
0
NA
—
—
NA
—
—
NA
—
—
HIGH
515.62
—
0
—
—
0
312.5
—
0
250
—
0
LOW
2.014
—
255
1.53
—
255
1.221
—
255
0.977
—
255
BAUD
RATE
(K)
FOSC = 10 MHz
SPBRG
value
(decimal)
FOSC = 7.159 MHz
SPBRG
value
(decimal)
FOSC = 5.068 MHz
SPBRG
value
(decimal)
KBAUD
%ERROR
KBAUD
%ERROR
KBAUD
%ERROR
0.3
NA
—
—
NA
—
—
0.31
+3.13
255
1.2
1.202
+0.16
129
1.203
_0.23
92
1.2
0
65
2.4
2.404
+0.16
64
2.380
-0.83
46
2.4
0
32
9.6
9.766
+1.73
15
9.322
-2.90
11
9.9
-3.13
7
19.2
19.53
+1.73
7
18.64
-2.90
5
19.8
+3.13
3
76.8
78.13
+1.73
1
NA
—
—
79.2
+3.13
0
96
NA
—
—
NA
—
—
NA
—
—
300
NA
—
—
NA
—
—
NA
—
—
500
NA
—
—
NA
—
—
NA
—
—
HIGH
156.3
—
0
111.9
—
0
79.2
—
0
LOW
0.610
—
255
0.437
—
255
0.309
—
255
BAUD
RATE
(K)
FOSC = 3.579 MHz
SPBRG
value
(decimal)
FOSC = 1 MHz
SPBRG
value
(decimal)
FOSC = 32.768 kHz
SPBRG
value
(decimal)
KBAUD
%ERROR
KBAUD
%ERROR
KBAUD
%ERROR
0.3
0.301
+0.23
185
0.300
+0.16
51
0.256
-14.67
1
1.2
1.190
-0.83
46
1.202
+0.16
12
NA
—
—
2.4
2.432
+1.32
22
2.232
-6.99
6
NA
—
—
9.6
9.322
-2.90
5
NA
—
—
NA
—
—
19.2
18.64
-2.90
2
NA
—
—
NA
—
—
76.8
NA
—
—
NA
—
—
NA
—
—
96
NA
—
—
NA
—
—
NA
—
—
300
NA
—
—
NA
—
—
NA
—
—
500
NA
—
—
NA
—
—
NA
—
—
HIGH
55.93
—
0
15.63
—
0
0.512
—
0
LOW
0.218
—
255
0.061
—
255
0.002
—
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com