Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2503 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2503 Datasheet HTML 9Page - SMSC Corporation USB2503 Datasheet HTML 10Page - SMSC Corporation USB2503 Datasheet HTML 11Page - SMSC Corporation USB2503 Datasheet HTML 12Page - SMSC Corporation USB2503 Datasheet HTML 13Page - SMSC Corporation USB2503 Datasheet HTML 14Page - SMSC Corporation USB2503 Datasheet HTML 15Page - SMSC Corporation USB2503 Datasheet HTML 16Page - SMSC Corporation USB2503 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Integrated USB 2.0 Compatible 3-Port Hub
Datasheet
SMSC USB2503/USB2503A
13
Revision 2.3 (08-27-07)
DATASHEET
VDD3P3
CORE
PLL
VDD33CR
+3.3V I/O and Core power.
VSS
VSS
Ground.
Table 4.5 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input.
IPD
Input, with a weak Internal pull-down.
IPU
Input, with a weak Internal pull-up.
IS
Input with Schmitt trigger.
O12
Output 12mA.
I/O12
Input/Output, 12mA
IOSD12
Open drain….12mA sink with Schmitt trigger, and must meet I2C-Bus Specification Version 2.1
requirements.
ICLKx
XTAL Clock Input
OCLKx
XTAL Clock Output
I-R
*RBIAS.
IO-U
Defined in USB Specification.
Note: Meets USB 1.1 requirements when operating as a 1.1-compliant device and meets USB
2.0 requirements when operating as a 2.0-compliant device.
AIO
Analog Input/output. Per PHY test requirements.
Table 4.4 Power, Ground, and No Connect (continued)
NAME
SYMBOL
TYPE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com