Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2503 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2503
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2503 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2503 Datasheet HTML 1Page - SMSC Corporation USB2503 Datasheet HTML 2Page - SMSC Corporation USB2503 Datasheet HTML 3Page - SMSC Corporation USB2503 Datasheet HTML 4Page - SMSC Corporation USB2503 Datasheet HTML 5Page - SMSC Corporation USB2503 Datasheet HTML 6Page - SMSC Corporation USB2503 Datasheet HTML 7Page - SMSC Corporation USB2503 Datasheet HTML 8Page - SMSC Corporation USB2503 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
SMSC USB2503/USB2503A
DATASHEET
Revision 2.3 (08-27-07)
Datasheet
PRODUCT FEATURES
USB2503/
USB2503A
Integrated USB 2.0
Compatible 3-Port Hub
Integrated USB 2.0 Compatible 3-Port Hub
—
3 Transaction Translators for highest performance
—
High-Speed (480Mbits/s), Full-Speed (12Mbits/s) and
Low-Speed (1.5Mbits/s) compatible
—
Full power management with per port or ganged
,
selectable power control
—
Detects Bus-Power/Self-Power source and changes
mode automatically
Complete USB Specification 2.0 Compatibility
—
Includes USB 2.0 Transceivers
VID/PID/DID, and Port Configuration for Hub via:
—
Single Serial I2C EEPROM
—
SMBus Slave Port
Default VID/PID/DID, allows functionality when
configuration EEPROM is absent
Hardware Strapping options allow for configuration
without an external EEPROM or SMBus Host
On-Board 24MHz Crystal Driver Circuit or 24 MHz
external clock driver
Internal PLL for 480MHz USB 2.0 Sampling
Internal 1.8V Linear Voltage Regulator
Integrated USB termination and Pull-up/Pull-down
resistors
Internal Short Circuit protection of USB differential
signal pins
1.8 Volt Low Power Core Operation
3.3 Volt I/O with 5V Input Tolerance
48 Pin QFN lead-free RoHS compliant package


Similar Part No. - USB2503

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2503 SMSC-USB2503 Datasheet
1Mb / 43P
Integrated USB2.0 Compatible 3-Port Hub
USB2503 SMSC-USB2503 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2503 MICROCHIP-USB2503 Datasheet
725Kb / 42P
Integrated USB 2.0 Compatible 3-Port Hub
06/23/16
USB2503-HZH MICROCHIP-USB2503-HZH Datasheet
725Kb / 42P
Integrated USB 2.0 Compatible 3-Port Hub
06/23/16
logo
SMSC Corporation
USB2503A SMSC-USB2503A Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
More results

Similar Description - USB2503

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2503 SMSC-USB2503 Datasheet
1Mb / 43P
Integrated USB2.0 Compatible 3-Port Hub
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
USB2503 MICROCHIP-USB2503 Datasheet
725Kb / 42P
Integrated USB 2.0 Compatible 3-Port Hub
06/23/16
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com