Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08053C103MAT2A Datasheet(PDF) 2 Page - AVX Corporation

Part # 08053C103MAT2A
Description  X7R Dielectric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053C103MAT2A Datasheet(HTML) 2 Page - AVX Corporation

  08053C103MAT2A Datasheet HTML 1Page - AVX Corporation 08053C103MAT2A Datasheet HTML 2Page - AVX Corporation 08053C103MAT2A Datasheet HTML 3Page - AVX Corporation 08053C103MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15
X7R Dielectric
Specifications and Test Methods
Parameter/Test
X7R Specification Limits
Measuring Conditions
Operating Temperature Range
-55ºC to +125ºC
Temperature Cycle Chamber
Capacitance
Within specified tolerance
≤ 2.5% for ≥ 50V DC rating
Freq.: 1.0 kHz ± 10%
Dissipation Factor
≤ 3.0% for 25V DC rating
Voltage: 1.0Vrms ± .2V
≤ 3.5% for 16V DC rating
For Cap > 10 µF, 0.5Vrms @ 120Hz
≤ 5.0% for ≤ 10V DC rating
Insulation Resistance
100,000MΩ or 1000MΩ - µF,
Charge device with rated voltage for
whichever is less
120 ± 5 secs @ room temp/humidity
Charge device with 300% of rated voltage for
Dielectric Strength
No breakdown or visual defects
1-5 seconds, w/charge and discharge current
limited to 50 mA (max)
Note: Charge device with 150% of rated
voltage for 500V devices.
Appearance
No defects
Deflection: 2mm
Capacitance
Test Time: 30 seconds
Resistance to
Variation
≤ ±12%
Flexure
Dissipation
Meets Initial Values (As Above)
Stresses
Factor
Insulation
≥ Initial Value x 0.3
Resistance
Solderability
≥ 95% of each terminal should be covered
Dip device in eutectic solder at 230 ± 5ºC
with fresh solder
for 5.0 ± 0.5 seconds
Appearance
No defects, <25% leaching of either end terminal
Capacitance
Variation
≤ ±7.5%
Dip device in eutectic solder at 260ºC for 60
Dissipation
Meets Initial Values (As Above)
seconds. Store at room temperature for 24 ± 2
Resistance to
Factor
hours before measuring electrical properties.
Solder Heat
Insulation
Meets Initial Values (As Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Appearance
No visual defects
Step 1: -55ºC ± 2º
30 ± 3 minutes
Capacitance
Variation
≤ ±7.5%
Step 2: Room Temp
≤ 3 minutes
Dissipation
Meets Initial Values (As Above)
Step 3: +125ºC ± 2º
30 ± 3 minutes
Thermal
Factor
Shock
Insulation
Meets Initial Values (As Above)
Step 4: Room Temp
≤ 3 minutes
Resistance
Dielectric
Meets Initial Values (As Above)
Repeat for 5 cycles and measure after
Strength
24 ± 2 hours at room temperature
Appearance
No visual defects
Capacitance
Variation
≤ ±12.5%
Dissipation
≤ Initial Value x 2.0 (See Above)
Load Life
Factor
Insulation
≥ Initial Value x 0.3 (See Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Appearance
No visual defects
Capacitance
Variation
≤ ±12.5%
Load
Dissipation
≤ Initial Value x 2.0 (See Above)
Humidity
Factor
Insulation
≥ Initial Value x 0.3 (See Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Charge device with 1.5 rated voltage (≤ 10V) in
test chamber set at 125ºC ± 2ºC
for 1000 hours (+48, -0)
Remove from test chamber and stabilize
at room temperature for 24 ± 2 hours
before measuring.
Store in a test chamber set at 85ºC ± 2ºC/
85% ± 5% relative humidity for 1000 hours
(+48, -0) with rated voltage applied.
Remove from chamber and stabilize at
room temperature and humidity for
24 ± 2 hours before measuring.
1mm/sec
90 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com