Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08053C103MAT2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08053C103MAT2A
Description  X7R Dielectric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053C103MAT2A Datasheet(HTML) 4 Page - AVX Corporation

  08053C103MAT2A Datasheet HTML 1Page - AVX Corporation 08053C103MAT2A Datasheet HTML 2Page - AVX Corporation 08053C103MAT2A Datasheet HTML 3Page - AVX Corporation 08053C103MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
17
X7R Dielectric
Capacitance Range
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
MM
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
MM
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
MM
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
6.3
10
16
25
50
100
200
500
50
100
200
500
50
100
6.3
50
100
200
50
100
Cap
100
(pF)
150
220
330
470
680
1000
1500
J
J
J
J
J
J
M
2200
J
J
J
J
J
J
M
3300
J
J
J
J
J
J
M
4700
J
J
J
J
J
J
M
6800
J
J
J
J
J
J
M
Cap
0.010
J
J
J
J
J
J
M
K
K
K
K
M
M
X
X
X
X
M
P
(µF
0.015
J
J
J
J
J
J
P
K
K
K
P
M
M
X
X
X
X
M
P
0.022
J
J
J
J
J
J
Q
K
K
K
P
M
M
X
X
X
X
M
P
0.033
J
J
J
J
J
J
K
K
K
X
M
M
X
X
X
X
M
P
0.047
J
J
J
J
J
J
K
K
K
Z
M
M
X
X
X
X
M
P
0.068
J
J
J
J
J
M
K
K
K
M
M
X
X
X
X
M
P
0.10
J
J
J
J
J
M
K
K
K
M
M
X
X
X
X
M
P
0.15
J
J
J
J
M
K
K
P
M
M
X
X
X
X
M
P
0.22
J
J
J
J
P
K
K
P
M
M
X
X
X
M
P
0.33
J
J
J
J
Z
K
M
M
M
X
X
X
M
P
0.47
M
M
M
M
Z
K
P
M
M
X
X
X
M
P
0.68
M
M
P
X
Z
M
Q
M
X
X
X
M
P
1.0
N
N
P
X
Z
M
X
M
X
Z
M
P
1.5
N
N
Z
Z
Z
Z
M
X
Z
M
X
2.2
Z
Z
Z
Z
Z
Z
M
3.3
Z
Z
Z
Z
Z
4.7
Z
Z
Z
Z
Z
10
Z
Z
Z
Z
22
Z
Z
47
100
WVDC
6.3
10
16
25
50
100
200
500
50
100
200
500
50
100
6.3
50
100
200
50
100
SIZE
1210
1812
1825
2220
2225
L
W
T
t
= Under Development



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com