Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1752 Datasheet(PDF) 12 Page - ams AG

Part # AS1752
Description  High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1752 Datasheet(HTML) 12 Page - ams AG

Back Button AS1752 Datasheet HTML 8Page - ams AG AS1752 Datasheet HTML 9Page - ams AG AS1752 Datasheet HTML 10Page - ams AG AS1752 Datasheet HTML 11Page - ams AG AS1752 Datasheet HTML 12Page - ams AG AS1752 Datasheet HTML 13Page - ams AG AS1752 Datasheet HTML 14Page - ams AG AS1752 Datasheet HTML 15Page - ams AG AS1752 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com
Revision 1.41
11 - 16
AS1751/AS1752/AS1753
Data Sheet - Ap p lica tio n In fo r m a tio n
Figure 17. NOx, NCx, and COMx Capacitance
Figure 18. Off-Isolation, On-Loss, and Crosstalk
Notes:
1. Measurements are standardized against short-circuit at socket terminals.
2. Off-isolation is measured between COMx and the off NCx/NOx terminal on each switch. Off-isolation = 20log (VOUT/
VIN).
3. On-loss is measured between COMx and the on NCx/NOx terminal on each switch. On-loss = 20log (VOUT/VIN).
4. Signal direction through the switch is reversed; worst values are recorded.
AS1751/
AS1752/
AS1753
COMx
NCx or
NOx
INx
V+
V+
As
Required
GND
1MHz
Capacitance
Analyzer
AS1751/
AS1752/
AS1753
COMx
NOx
or
NCx
INx
V+
V+
50
Ω
50
Ω
50
Ω
50
Ω
VIN
VOUT
0.1µF
Measure
Reference
GND
Network Analyzer
†
Use 50
Ω termina-
tion for off-isolation
†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com