Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1752 Datasheet(PDF) 3 Page - ams AG

Part # AS1752
Description  High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1752 Datasheet(HTML) 3 Page - ams AG

  AS1752 Datasheet HTML 1Page - ams AG AS1752 Datasheet HTML 2Page - ams AG AS1752 Datasheet HTML 3Page - ams AG AS1752 Datasheet HTML 4Page - ams AG AS1752 Datasheet HTML 5Page - ams AG AS1752 Datasheet HTML 6Page - ams AG AS1752 Datasheet HTML 7Page - ams AG AS1752 Datasheet HTML 8Page - ams AG AS1752 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.austriamicrosystems.com
Revision 1.41
2 - 16
AS1751/AS1752/AS1753
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. TQFN Pin Assignments (Top View)
Figure 3. TSSOP Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
(see Figure 2
and Figure 3)
COM1:COM4
Analog Switch 1, 2, 3, 4 Common
GND
Ground
IN1:IN4
Analog Switch 1, 2, 3, 4 Logic Control Input
NC1:NC4
Analog Switch 1, 2, 3, 4 Normally Closed Terminal
NO1:NO4
Analog Switch 1, 2, 3, 4 Normally Open Terminal
V+
Input Supply Voltage. +1.6 to +3.6V
AS1753
11 NC4
12 IN4
10
–
9
COM4
2
COM2
1
NC2
3
–
4
IN2
AS1752
11 NC4
12 IN4
10
–
9
COM4
2
COM2
1
NC2
3
–
4
IN2
AS1751
11 NO4
12 IN4
10
–
9
COM4
2
COM2
1
NO2
3
–
4
IN2
AS1751
14 V+
8 NO3
9 COM3
12 IN4
1
NO1
7
GND
6
IN3
3
NO2
11 NO4
4
COM2
10 COM4
5
IN2
13 IN1
2
COM1
AS1752
14 V+
8 NC3
9 COM3
12 IN4
1
NC1
7
GND
6
IN3
3
NC2
11 NC4
4
COM2
10 COM4
5
IN2
13 IN1
2
COM1
AS1753
14 V+
8 NO3
9 COM3
12 IN4
1
NO1
7
GND
6
IN3
3
NC2
11 NC4
4
COM2
10 COM4
5
IN2
13 IN1
2
COM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com