Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1916 Datasheet(PDF) 7 Page - ams AG

Part # AS1916
Description  Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1916 Datasheet(HTML) 7 Page - ams AG

Back Button AS1916 Datasheet HTML 3Page - ams AG AS1916 Datasheet HTML 4Page - ams AG AS1916 Datasheet HTML 5Page - ams AG AS1916 Datasheet HTML 6Page - ams AG AS1916 Datasheet HTML 7Page - ams AG AS1916 Datasheet HTML 8Page - ams AG AS1916 Datasheet HTML 9Page - ams AG AS1916 Datasheet HTML 10Page - ams AG AS1916 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.austriamicrosystems.com/Supervisors/AS1916
Revision 1.04
6 - 14
AS1916 - AS1918
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
TAMB = +25ºC (unless otherwise specified).
Figure 3. Normalized Reset Threshold Delay vs.
Figure 4. VOUT vs. VCC, VTH = 1.58V
Temperature Active-Low (Typ)
Figure 5. Reset Timeout Period vs. Temperature
Figure 6. Supply Current vs. Temperature
Figure 7. VOH vs. ISOURCE; VCC = 3.2V
Figure 8. VOL vs. ISINK; VCC = 3.2V
-0.50
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
0 0.5
1 1.5 2 2.5 3 3.5 4 4.5 5
VCC (V)
0.94
0.96
0.98
1
1.02
1.04
1.06
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCC = 3.08V T Version
VCC = 1.58V V Version
150
160
170
180
190
200
210
220
230
240
250
-40 -20
0
20
40
60
80 100 120
Temperature (°C)
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
0
0.2
0.4
0.6
0.8
1
1.2
ISOURCE (mA)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0123
4567
ISINK (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com