Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1916 Datasheet(PDF) 14 Page - ams AG

Part # AS1916
Description  Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1916 Datasheet(HTML) 14 Page - ams AG

Back Button AS1916 Datasheet HTML 7Page - ams AG AS1916 Datasheet HTML 8Page - ams AG AS1916 Datasheet HTML 9Page - ams AG AS1916 Datasheet HTML 10Page - ams AG AS1916 Datasheet HTML 11Page - ams AG AS1916 Datasheet HTML 12Page - ams AG AS1916 Datasheet HTML 13Page - ams AG AS1916 Datasheet HTML 14Page - ams AG AS1916 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
www.austriamicrosystems.com/Supervisors/AS1916
Revision 1.04
13 - 14
AS1916 - AS1918
Datasheet - Orderin g Info r m ation
11 Ordering Information
The devices are available as the standard products shown in Table 5.
Note:
All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 5. Ordering Information
Ordering Code
Marking
Description
Threshold
Delivery Form
Package
AS1916S-T
ASIO
Active-Low Push/Pull Supervisory Circuit with
Watchdog and Manual Reset
2.93V
Tape and Reel
5-pin SOT23
AS1916R-T
ASIP
Active-Low Push/Pull Supervisory Circuit with
Watchdog and Manual Reset
2.63V
Tape and Reel
5-pin SOT23
AS1916Z-T
ASIQ
Active-Low Push/Pull Supervisory Circuit with
Watchdog and Manual Reset
2.32V
Tape and Reel
5-pin SOT23
AS1916V-T
ASIR
Active-Low Push/Pull Supervisory Circuit with
Watchdog and Manual Reset
1.58V
Tape and Reel
5-pin SOT23
AS1917S-T
ASIS
Active High Push/Pull Supervisory Circuit with
Watchdog and Manual Reset
2.93V
Tape and Reel
5-pin SOT23
AS1917R-T
ASIT
Active High Push/Pull Supervisory Circuit with
Watchdog and Manual Reset
2.63V
Tape and Reel
5-pin SOT23
AS1917Z-T
ASIU
Active High Push/Pull Supervisory Circuit with
Watchdog and Manual Reset
2.32V
Tape and Reel
5-pin SOT23
AS1917V-T
ASIV
Active High Push/Pull Supervisory Circuit with
Watchdog and Manual Reset
1.58V
Tape and Reel
5-pin SOT23
AS1918S-T
ASIW
Active-Low Open Drain Supervisory Circuit with
Watchdog and Manual Reset
2.93V
Tape and Reel
5-pin SOT23
AS1918R-T
ASIX
Active-Low Open Drain Supervisory Circuit with
Watchdog and Manual Reset
2.63V
Tape and Reel
5-pin SOT23
AS1918Z-T
ASIY
Active-Low Open Drain Supervisory Circuit with
Watchdog and Manual Reset
2.32V
Tape and Reel
5-pin SOT23
AS1918V-T
ASIZ
Active-Low Open Drain Supervisory Circuit with
Watchdog and Manual Reset
1.58V
Tape and Reel
5-pin SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com