Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1922 Datasheet(PDF) 10 Page - ams AG

Part # AS1922
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1922 Datasheet(HTML) 10 Page - ams AG

Back Button AS1922 Datasheet HTML 6Page - ams AG AS1922 Datasheet HTML 7Page - ams AG AS1922 Datasheet HTML 8Page - ams AG AS1922 Datasheet HTML 9Page - ams AG AS1922 Datasheet HTML 10Page - ams AG AS1922 Datasheet HTML 11Page - ams AG AS1922 Datasheet HTML 12Page - ams AG AS1922 Datasheet HTML 13Page - ams AG AS1922 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
9 - 14
AS1920/AS1922
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 13. Triple-Supply Monitor (3V, 1.8V, Adjustable)
Figure 14. Dual-Supply Monitor (3V and 1.8V; Disable VCCA Input)
Figure 15. Dual-Supply Monitor (3V and Adjustable)
AS1920-18
R2
R1
3V
1.8V
Adjustable Supply
or DC/DC Feed-
back Divider
System
Reset
To ensure threshold accuracy,
set the parallel combination of
R1 and R2
≤ 66.5kΩ
1
RESETN
3
VCCA
2
GND
4
VCC18
5
VCC3
AS1920-18
3V
1.8V
System
Reset
2
GND
1
RESETN
3
VCCA
4
VCC18
5
VCC3
AS1920-18
R2
R1
3V
Adjustable Supply
or DC/DC Feed-
back Divider
System
Reset
To ensure threshold accuracy,
set the parallel combination of
R1 and R2
≤ 66.5kΩ
1
RESETN
2
GND
4
VCC18
5
VCC3
3
VCCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com