Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1922 Datasheet(PDF) 6 Page - ams AG

Part # AS1922
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1922 Datasheet(HTML) 6 Page - ams AG

Back Button AS1922 Datasheet HTML 2Page - ams AG AS1922 Datasheet HTML 3Page - ams AG AS1922 Datasheet HTML 4Page - ams AG AS1922 Datasheet HTML 5Page - ams AG AS1922 Datasheet HTML 6Page - ams AG AS1922 Datasheet HTML 7Page - ams AG AS1922 Datasheet HTML 8Page - ams AG AS1922 Datasheet HTML 9Page - ams AG AS1922 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 14
AS1920/AS1922
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
TAMB = +25ºC (unless otherwise specified).
Figure 3. IVCC18 vs. Temperature
Figure 4. IVCC3 vs. Temperature; VCC3 = 3V
Figure 5. Supply Current VCCA vs. Temperature
Figure 6. VOH/RST vs. Temperature; VCC3 = 3V
Figure 7. tRST vs. Temperature; VCC3 = VCCA = 3V
Figure 8. tUV vs. Temperature; VCC3 = VCCA = 3V
0.5
0.6
0.7
0.8
0.9
1
-100
-50
0
50
100
Temperature (°C)
5.5
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
6.5
-100
-50
0
50
100
Temperature (°C)
2.2
2.25
2.3
2.35
2.4
2.45
2.5
-100
-50
0
50
100
Temperature (°C)
0
1
2
3
4
5
6
7
8
9
10
-100
-50
0
50
100
Temperature (°C)
140
160
180
200
220
240
260
280
-100
-50
0
50
100
Temperature (°C)
50
75
100
125
150
-100
-50
0
50
100
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com