Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1971 Datasheet(PDF) 2 Page - ams AG

Part # AS1971
Description  Low-Voltage Single/Dual/Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1971 Datasheet(HTML) 2 Page - ams AG

  AS1971 Datasheet HTML 1Page - ams AG AS1971 Datasheet HTML 2Page - ams AG AS1971 Datasheet HTML 3Page - ams AG AS1971 Datasheet HTML 4Page - ams AG AS1971 Datasheet HTML 5Page - ams AG AS1971 Datasheet HTML 6Page - ams AG AS1971 Datasheet HTML 7Page - ams AG AS1971 Datasheet HTML 8Page - ams AG AS1971 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS1970 - AS1975
Low-Vo ltage Single/Dual/Quad Comparators
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.02
1 - 18
1 General Description
The AS1970 - AS1975 are single/dual/quad compara-
tors that operate with supplies from 2.5 to 5.5V making
them perfect for all 3- and 5-volt applications. The com-
parators can also operate with dual supplies (±1.25 to
±2.75V), and require very little supply current (down to
8.5µA) with minimal propagation delay (300ns).
Low input bias current (1.0pA, typ), low input offset volt-
age (0.5mV, typ), and internal hysteresis (3mV) make
these comparators ideal for low-power single-cell appli-
cations including power-management and power-moni-
toring systems.
The comparators are available as the standard products
listed in Table 1.
The AS1970/AS1972/AS1974 push/pull output can sink
or source current.
The AS1971/AS1973/AS1975 open-drain output can be
pulled beyond VCC to a maximum of 5.5V > VEE. These
open-drain versions are ideal for logic-level translators
or bipolar-to-unipolar converters.
Large internal output drivers allow Rail-to-Rail output
swings with loads of up to 8mA.
The AS1970/AS1971 are available in a 5-pin SOT23
package. The AS1972/AS1973 are available in a 8-pin
MSOP package. The AS1974/AS1975 are available in a
14-pin TSSOP package.
Figure 1. Block Diagrams
2 Key Features
!
CMOS Push/Pull Output Sinks and Sources 8mA
(AS1970/AS1972/AS1974)
!
CMOS Open-Drain Output Voltage Extends Beyond
VCC (AS1971/AS1973/AS1975)
!
Quiescent Supply Current: 8.5µA per Comparator
!
Internal Hysteresis: 3mV
!
3V/5V Logic-Level Translation
!
Single-Supply Operation: 2.5 to 5.5V
!
Common-Mode Input Voltage Range Extends
250mV Above the Rails
!
Low Propagation Delay: 300ns
!
Minimized Overall Power Consumption
!
Supply Current @1MHz Switching Frequency: 80µA
!
No Phase Reversal for Overdriven Inputs
!
Package Types:
- 5-pin SOT23 – AS1970/AS1971
- 8-pin MSOP – AS1972/AS1973
- 14-pin TSSOP – AS1974/AS1975
3 Applications
The devices are ideal for battery-powered systems,
mobile communication devices, zero-crossing detectors,
window comparators, level translators, threshold detec-
tors/discriminators, ground/supply-sensing applications,
IR receivers or any other space-limited application with
low power-consumption requirements.
Table 1. Standard Products
Model
Output Type
AS1970/AS1972/AS1974
Push/Pull
AS1971/AS1973/AS1975
Open-Drain
–
+
–
+
–
+
–
+
OUTA
INA+
INA-
VEE
VCC
OUTD
IND+
IND-
OUTC
INC+
INC-
OUTB
INB+
INB-
AS1974/AS1975
AS1972/AS1973
VEE
VCC
INA+
INA-
–
+
OUTA
INB+
INB-
–
+
OUTB
VCC
AS1970/AS1971
VEE
IN+
IN-
–
+
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com